Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMV1209SC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NMV1209SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMV1209SC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NMV1209SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMV1209SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMV1209SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMV1209SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMV1209SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMV1209SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NMV 5V, 12V & 15V Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_NMV.G03 Page 3 of 6
www.murata-ps.com/support
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NMV series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 3kVDC for 1 minute.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NMV series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NMV series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
APPLICATION NOTES
Minimum load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product
series will start into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Typical Start-Up Wave Form
Start-up time
Start-up time
μs
μs
NMV0505xC
1966
NMV1212xC
8650
NMV0509xC
5360
NMV1215xC
11171
NMV0512xC
11180
NMV1505xC
803
NMV0515xC
16270
NMV1512xC
3510
NMV1205xC
1290
NMV1515xC
8361
NMV1209xC
4140
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of
300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in
this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - NMV1209SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMV1209SC MURATA-PS-NMV1209SC Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results

Similar Description - NMV1209SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com