Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5710APZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5710APZ
Description  Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5710APZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5710APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Ambient Storage Temperature
(Non-operating)
Ts
-40
+100
°C
1, 2
Case Temperature
TC
-40
+85
°C
1, 2
Relative Humidity
RH
5
95
%
1
Supply Voltage
VCCT,R
-0.5
3.8
V
1, 2, 3
Low Speed Input Voltage
VIN
-0.5
VCC+0.5
V
1
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded. See Reliability Data
Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur.
3. The module supply voltages, VCCT and VCCR, must not differ by more than 0.5V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Temperature
AFBR-571xLZ/PZ
AFBR-571xALZ/APZ
TC
TC
-10
-40
25
25
85
85
°C
°C
1, 2
1, 2
Supply Voltage
VCC
3.135
3.3
3.465
V
1
Notes:
1. Recommended Operating Conditions are those within which functional performance within data sheet characteristics is intended.
2. Refer to the Reliability Data Sheet for specific reliability performance predictions.
Table 5. Transceiver Electrical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
160
220
mA
Power Dissipation
PDISS
530
765
mW
Power Supply Noise
Rejection(peak-peak)
PSNR
100
mVPP
1
Data input:
Transmitter Differential
Input Voltage (TD +/-)
VI
500
2400
mVPP
2
Data Output:
Receiver Differential
Output Voltage (RD +/-)
VO
370
1500
2000
mVPP
3
Receive Data Rise & Fall Times
Trf
220
ps
Low Speed Outputs:
Transmit Fault (TX_FAULT)
Loss of Signal (LOS), MOD_DEF2
VOH
2.0
VCCT,R+0.3
V
4
VOL
0
0.8
V
Low Speed Inputs:
Transmitter Disable(TX_DISABLE),
MOD_DEF 1, MOD_DEF 2
VIH
2.0
VCC
V
5
VIL
0
0.8
V
Notes:
1. Measured at the input of the required MSA Filter on host board.
2. Internally AC coupled and terminated to 100
Ω differential load.
3. Internally AC coupled, but requires a 100
Ω differential termination at or internal to Serializer/Deserializer.
4. Pulled up externally with a 4.7-10 K
Ω resistor on the host board to VCCT,R.
5. Mod_Def1 and Mod_Def2 must be pulled up externally with a 4.7-10 K
Ω resistor on the host board to VCCT,R.


Similar Part No. - AFBR-5710APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710APZ AVAGO-AFBR-5710APZ Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
logo
ATGBICS by Approved Tec...
AFBR-5710APZ-C ATGBICS-AFBR-5710APZ-C Datasheet
279Kb / 8P
   AFBR-5710APZ Avago Broadcom Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, Ind Temp)
More results

Similar Description - AFBR-5710APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com