Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5715PZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5715PZ
Description  Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5715PZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5715PZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5715PZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AFBR-5710Z and AFBR-5715Z
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical
Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
Data Sheet
Features
• ROHS-6 Compliant
• Compliant to IEEE 802.3 Gigabit Ethernet (1.25GBd)
1000BaseSX
• Optional Digital Diagnostic Monitoring available
- AFBR-5710Z family: without DMI
- AFBR-5715Z family: with DMI
• Per SFF-8472, diagnostic features on AFBR-5715Z
family enable Diagnostic Monitoring Interface for
optical transceivers with real-time monitoring of:
- Transmitted optical power
- Received optical power
- Laser bias current
- Temperature
- Supply voltage
• Transceiver specifications according to SFP Multi-
Source Agreement (SFF-8074i) and SFF-8472, Revision
9.3
• Manufactured in an ISO 9001 compliant facility
• Hot-pluggable
• Temperature options
- (Extended) -10°C to +85°C
- (Industrial) -40°C to +85°C
• +3.3 V DC power supply
• Industry leading EMI performance for high port den-
sity
• 850 nm Vertical Cavity Surface Emitting Laser (VCSEL)
• Eye safety certified
• LC-Duplex fiber connector compliant
Applications
• Ethernet Switch
• Enterprise Router
• Broadband aggregation and wireless infrastructure
• Metro Ethernet multi-service access & provisioning
platforms
Description
The AFBR-571xZ family of SFP optical transceivers offers
the customer a wide range of design options, includ-
ing optional DMI features (further described later), two
temperature ranges (extended or industrial), and choice
of standard or bail delatch. The AFBR-5715Z family
targets those applications requiring DMI features. The
AFBR-5710Z family is a streamlined product designed for
those applications where DMI features are not needed.
Throughout this document, AFBR-571xZ will be used to
refer collectively to the product family encompassing this
entire range of product options.
Part Number Options
The AFBR-571xZ SFP family includes the following prod-
ucts:
Part Number
DMI
Temperature
Latch
AFBR-5710LZ
No
Extended
Standard
AFBR-5710PZ
No
Extended
Bail
AFBR-5710ALZ
No
Industrial
Standard
AFBR-5710APZ
No
Industrial
Bail
AFBR-5715LZ
Yes
Extended
Standard
AFBR-5715PZ
Yes
Extended
Bail
AFBR-5715ALZ
Yes
Industrial
Standard
AFBR-5715APZ
Yes
Industrial
Bail
* Extended Temperature Range is -10 to 85 °C
Industrial Temperature Range is -40 to 85 ° C
Related Products
• AFBR-5705Z family: Dual-Rate 1.25 GBd Ethernet
(1000BASE-SX) & 1.0625 GBd Fiber Channel SFP with
DMI
• ABCU-5710RZ family : 1.25 GBd Ethernet (1000BASE-T)
SFP for Cat5 cable
• AFCT-5705Z family: 1.25 GBd Ethernet (1000BASE-LX)
& 1.0265 GBd Fiber-Channel SFP with DMI
Patent - www.avagotech.com/patents


Similar Part No. - AFBR-5715PZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
logo
ATGBICS by Approved Tec...
AFBR-5715PZ-C ATGBICS-AFBR-5715PZ-C Datasheet
293Kb / 8P
   AFBR-5715PZ Avago Broadcom Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM, Ext Temp)
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
ATGBICS by Approved Tec...
AFBR-5715PZ-SN1-C ATGBICS-AFBR-5715PZ-SN1-C Datasheet
382Kb / 8P
   AFBR-5715PZ-SN1 Avago Broadcom Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM, Ext Temp)
More results

Similar Description - AFBR-5715PZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com