Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF20N50FT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF20N50FT
Description  N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF20N50FT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF20N50FT Datasheet HTML 1Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 2Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 3Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 4Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 5Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 6Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 7Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 8Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
FDP20N50F/ FDPF20N50FT Rev. C1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. Maximum Safe Operating Area
vs. Temperature
- FDP20N50F
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
- FDPF20N50FT
vs. Case Temperature
Figure 11. Transient Thermal Response Curve - FDP20N50F
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 1mA
TJ, Junction Temperature [
oC]
110
100
0.01
0.1
1
10
100
200
800
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
VDS, Drain-Source Voltage [V]
100 ms
1 ms
10 s
DC
10 ms
100 s
Operation in This Area
is Limited by R DS(on)
25
50
75
100
125
150
0
5
10
15
20
25
TC, Case Temperature [
oC]
110
100
0.01
0.1
1
10
100
200
40s
100s
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
800
DC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
0.002
t1
PDM
t2
Rectangular Pulse Duration [sec]
*Notes:
1. ZJC(t) = 0.5
oC/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZJC(t)
single pulse
0.5
0.02
0.2
0.05
0.1
0.01
t1
PDM
t2


Similar Part No. - FDPF20N50FT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF20N50FT ISC-FDPF20N50FT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF20N50FT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
logo
ON Semiconductor
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
   N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Fairchild Semiconductor
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
ON Semiconductor
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com