Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJP3305H1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FJP3305H1
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP3305H1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FJP3305H1 Datasheet HTML 1Page - Fairchild Semiconductor FJP3305H1 Datasheet HTML 2Page - Fairchild Semiconductor FJP3305H1 Datasheet HTML 3Page - Fairchild Semiconductor FJP3305H1 Datasheet HTML 4Page - Fairchild Semiconductor FJP3305H1 Datasheet HTML 5Page - Fairchild Semiconductor FJP3305H1 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP3305 Rev. 1.0.0
4
Typical Performance Characteristics (Continued)
Figure 7. Saturation Voltage (O-Grade)
Figure 8. Switching Time
Figure 9. Reverse Biased Safe Operating Area
Figure 10. Forward Biased Safe Operating Area
Figure 11. Power Derating
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 4 IB
Ta = 75
OC
Ta = 125
OC
Ta = 25
OC
Ta = - 25
OC
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
I
B1 = - IB2 = 0.4A
V
CC = 125V
t
STG
t
F
I
C [A], COLLECTOR CURRENT
10
100
1000
1
10
I
B1=2A, RB2=0
V
CC=50V, L=1mH
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
0.01
0.1
1
10
100
T
C = 25
OC
Single Pulse
I
C (Pulse)
500
ms
5ms
1ms
I
C (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
Tc[
oC], CASE TEMPERATURE


Similar Part No. - FJP3305H1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP3305H1TU FAIRCHILD-FJP3305H1TU Datasheet
288Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - FJP3305H1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com