Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3253MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3253MTC
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3253MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3253MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500058
www.fairchildsemi.com
September 1997
Revised December 1999
FST3253
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST3253 is a dual 4:1 high-speed
CMOS
TTL-compatible
multiplexer/demultiplexer
bus
switch. The low on resistance of the switch allows inputs to
be connected to outputs without adding propagation delay
or generating additional ground bounce noise.
When OE is LOW, S0 and S1 connect the A Port to the
selected B Port output. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3253M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
FST3253QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3253MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
S0, S1
Select Inputs
ABus A
B1, B2, B3, B4
Bus B
S1
S0
OE1
OE2
Function
X
X
H
X
Disconnect 1A
X
X
X
H
Disconnect 2A
L
LLL
A
= B
1
LH
L
L
A
= B
2
H
LLL
A
= B
3
HH
L
L
A
= B
4


Similar Part No. - FST3253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3253MTC FAIRCHILD-FST3253MTC Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253MTC ONSEMI-FST3253MTC Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
More results

Similar Description - FST3253MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
   Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FSTU3253 FAIRCHILD-FSTU3253 Datasheet
212Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com