Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGL14AR3R3M3B71B0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # PTGL14AR3R3M3B71B0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL14AR3R3M3B71B0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PTGL14AR3R3M3B71B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PTGL14AR3R3M3B71B0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Application Matrix
8
AV equipment
Information equipment
Communications equipment
Car electronics
Home electronics
Household equipment
Power supply
Plasma TV
LCD TV
Projection TV
CATV
STB
Video camera
Digital camera
DVD recorder
Audio
Electric keyboard, Electronic music instrument
Digital mobile audio
MD/CD player
TV game
Portable game
Laptop
Desktop computer
Server
Printer
Scanner
LCD display
USB access device
HDD
CD/DVD-ROM/RAM
Copy machine
Electronic dictionary/databook
Electronic blackboard
Electronic automatic exchange
Transmission equipment
PBX
Cordless telephone
Fax machine
Modem
Cellular phone
Headset
Cellular phone base station
Intercom
Engine control ECU
Drive control ECU
Air bag
Anticollision radar
ABS/ESC
Instrument/display panel, Meter
Rechargeable battery for EV/HEV
Car air conditioner
HID/LED headlight, AFS
LED tail light
LED interior light
Retractable electric mirror
Door lock, trunk opener
Power seat
Shock absorber
VICS, ETC
Burglar alarm
Car navigation
Car audio
Refrigerator
Microwave, Oven
Electric rice-cooker
IH cooking device
Air conditioner
Fan heater
Cleaner
Clothes washer, cloth dryer
Ventilator
Hot-water pot
Illumination device
Massage chair, healthcare equipment
Hot water spray toilet seat
Electric power tool
Switching supply
Inverter power
AC adapter, battery charger
Overcurrent Protection
Overheat Sensing
Chip type
PRF
Chip type
PRG
Lead type
PTGL
Lead type
PTFL, PTFM
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
Series
Application


Similar Part No. - PTGL14AR3R3M3B71B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL14AR3R3M3B71B0 MURATA-PTGL14AR3R3M3B71B0 Datasheet
243Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL14AR3R3M3B71B0 MURATA1-PTGL14AR3R3M3B71B0 Datasheet
420Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL14AR3R3M3B71B0 MURATA1-PTGL14AR3R3M3B71B0 Datasheet
458Kb / 3P
   PTC Thermistors
02/08/2024
PTGL14AR3R3M3B71B0 MURATA1-PTGL14AR3R3M3B71B0_V01 Datasheet
420Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL14AR3R3M3B71B0 MURATA1-PTGL14AR3R3M3B71B0_V02 Datasheet
458Kb / 3P
   PTC Thermistors
02/08/2024
More results

Similar Description - PTGL14AR3R3M3B71B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com