Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75639S3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUF75639S3
Description  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75639S3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUF75639S3 Datasheet HTML 2Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 3Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 4Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 5Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 6Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 7Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 8Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 9Page - Fairchild Semiconductor HUF75639S3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75639G3, HUF75639P3, HUF75639S3S, HUF75639S3 Rev. B
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORM
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUF75639G3, HUF75639P3, HUF75639S3S, HUF75639S3


Similar Part No. - HUF75639S3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75639S3 FAIRCHILD-HUF75639S3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
ON Semiconductor
HUF75639S3 ONSEMI-HUF75639S3 Datasheet
532Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 56 A, 25 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75639S3S FAIRCHILD-HUF75639S3S Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUF75639S3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75639G3 FAIRCHILD-HUFA75639G3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com