Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV32H103A01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PV32H103A01
Description  Trimmer Potentiometers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV32H103A01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PV32H103A01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV32H103A01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Selection Guide of Trimmer Potentiometers
3
SMD Open Type 2mm Size PVZ2/PVA2 Series
4
PVZ2/PVA2 Series Notice
8
SMD Open Type 3mm Size PVZ3 Series
10
PVZ3 Series Notice
14
SMD Sealed Type 3mm Size PVG3 Series
16
PVG3 Series Notice
19
SMD Sealed Type 4mm Size PVM4 Series
21
PVM4 Series Notice
23
SMD Sealed Type Multi-turn PVG5 Series
26
PVG5 Series Notice
29
Lead Sealed Type Single-turn PV32 Series
31
PV32 Series Notice
34
Lead Sealed Type Multi-turn PV12/PV37/PV36 Series
36
PV12/PV37/PV36 Series Notice
43
SMD Open Type (PVZ2/A2/Z3)/SMD Sealed Type (PVM4A_C01 Series) Specifications and Test Methods
45
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
46
Packaging
49
Recommended Adjustment Tools/Qualified Standards
52
1
2
3
4
5
6
7


Similar Part No. - PV32H103A01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV32H103A01B00 MURATA-PV32H103A01B00 Datasheet
201Kb / 3P
   Inductance
More results

Similar Description - PV32H103A01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K224E01B00 MURATA1-PVZ3K224E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com