Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX50GP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPX50GP
Description  0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX50GP Datasheet(HTML) 2 Page - Motorola, Inc

  MPX50GP Datasheet HTML 1Page - Motorola, Inc MPX50GP Datasheet HTML 2Page - Motorola, Inc MPX50GP Datasheet HTML 3Page - Motorola, Inc MPX50GP Datasheet HTML 4Page - Motorola, Inc MPX50GP Datasheet HTML 5Page - Motorola, Inc MPX50GP Datasheet HTML 6Page - Motorola, Inc MPX50GP Datasheet HTML 7Page - Motorola, Inc MPX50GP Datasheet HTML 8Page - Motorola, Inc MPX50GP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MPX50 SERIES
2
Motorola Sensor Device Data
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Overpressure(8) (P1 > P2)
Pmax
200
kPa
Burst Pressure(8) (P1 > P2)
Pburst
500
kPa
Storage Temperature
Tstg
– 40 to +125
°C
Operating Temperature
TA
– 40 to +125
°C
OPERATING CHARACTERISTICS (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
50
kPa
Supply Voltage(2)
VS
3.0
6.0
Vdc
Supply Current
Io
6.0
mAdc
Full Scale Span(3)
VFSS
45
60
90
mV
Offset(4)
Voff
0
20
35
mV
Sensitivity
∆V/∆P
1.2
mV/kPa
Linearity(5)
– 0.25
0.25
%VFSS
Pressure Hysteresis(5) (0 to 50 kPa)
± 0.1
%VFSS
Temperature Hysteresis(5) (– 40
°C to +125°C)
± 0.5
%VFSS
Temperature Coefficient of Full Scale Span(5)
TCVFSS
– 0.22
– 0.16
%VFSS/°C
Temperature Coefficient of Offset(5)
TCVoff
± 15
µV/°C
Temperature Coefficient of Resistance(5)
TCR
0.21
0.27
%Zin/°C
Input Impedance
Zin
400
550
Output Impedance
Zout
750
1800
Response Time(6) (10% to 90%)
tR
1.0
ms
Warm–Up
20
ms
Offset Stability(9)
± 0.5
%VFSS
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight (Basic Element Case 344–15)
2.0
Grams
Common Mode Line Pressure(7)
690
kPa
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self–heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative
to 25
°C.
• TCR:
Zin deviation with minimum rated pressure applied, over the temperature range of – 40°C to +125°C,
relative to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Common mode pressures beyond specified may result in leakage at the case–to–lead interface.
8. Exposure beyond these limits may cause permanent damage or degradation to the device.
9. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.


Similar Part No. - MPX50GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
462Kb / 23P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010 NXP-MPX5010 Datasheet
561Kb / 24P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
logo
Motorola, Inc
MPX5010D MOTOROLA-MPX5010D Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
More results

Similar Description - MPX50GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
   0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com