Electronic Components Datasheet Search |
|
HDSP-F201 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HDSP-F201 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 11 page 6 Device Series Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment[1,2] IV 420 1200 µcd IF = 5 mA (Digit Average) Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 20 mA HDSP- Peak Wavelength λ PEAK 635 nm F20x/ G20x Dominant Wavelength[3] λ d 626 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F/°C-2 mV/ °C VF/Segment or DP Thermal Resistance LED R θ J-PIN 320 °C/W/Seg Junction-to-Pin High Efficiency Red Electrical/Optical Characteristics at T A = 25°C, continued Orange Device Series Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment[1,2] I V 420 1200 µcd I F = 5 mA (Digit Average) Forward Voltage/Segment or DP V F 2.0 2.5 V I F = 20 mA Peak Wavelength l PEAK 600 nm Dominant Wavelength[3] l d 603 nm Reverse Voltage/Segment or DP[4] V R 3.0 30 V I R = 100 µA Temperature Coefficient of ∆V F/°C-2 mV/ °C V F/Segment or DP Thermal Resistance LED Rl\q J-PIN 320 °C/W/Seg Junction-to-Pin HDSP- F40x/ G40x |
Similar Part No. - HDSP-F201 |
|
Similar Description - HDSP-F201 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |