Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3322C-GL-TR Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3322C-GL-TR
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3322C-GL-TR Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3322C-GL-TR Datasheet HTML 7Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 8Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 9Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 10Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 11Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 12Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 13Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 14Page - Microchip Technology USB3322C-GL-TR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
Industry’s Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Datasheet
SMSC USB332x
11
Revision 1.1 (11-20-12)
DATASHEET
D2
VDD33
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The
bypass capacitor should be placed as
close as possible to the USB332x.
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
E2
SPK_R
I/O,
Analog
N/A
USB switch in/out for DP signals
E3
SPK_L
I/O,
Analog
N/A
USB switch in/out for DM signals
D3
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is
the MSB.
E4
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
E5
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
D4
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
A5
CLKOUT
Output,
CMOS
N/A
ULPI Clock Out Mode:
60MHz ULPI clock output. All ULPI
signals are driven synchronous to the
rising edge of this clock.
ULPI Clock In Mode:
This pin is connected to VDD18 to
configure 60MHz ULPI Clock IN mode as
described in Section 5.4.1.
D5
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
C4
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
C5
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
B4
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is
the LSB.
B5
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data.
When the Link is sending data to the
PHY, NXT indicates when the current
byte has been accepted by the PHY. The
Link places the next byte on the data bus
in the following clock cycle.
Table 2.1 USB332x Pin Description (continued)
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION


Similar Part No. - USB3322C-GL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
More results

Similar Description - USB3322C-GL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
logo
Microchip Technology
USB333X MICROCHIP-USB333X Datasheet
1Mb / 85P
   Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
03/25/14
logo
SMSC Corporation
USB3319 SMSC-USB3319 Datasheet
328Kb / 12P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
logo
Microchip Technology
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
   Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
logo
Microchip Technology
USB3317C-CP-TR MICROCHIP-USB3317C-CP-TR Datasheet
347Kb / 5P
   Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
logo
SMSC Corporation
USB3317 SMSC-USB3317 Datasheet
324Kb / 11P
   Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com