Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGN400N60A3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGN400N60A3
Description  600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN400N60A3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGN400N60A3 Datasheet HTML 1Page - IXYS Corporation IXGN400N60A3 Datasheet HTML 2Page - IXYS Corporation IXGN400N60A3 Datasheet HTML 3Page - IXYS Corporation IXGN400N60A3 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IXYSPOWER
Efficiency through Technology
600V GenX3™ IGBTs
neXT GeneraTIon 600V IGBTs for power conVersIon applIcaTIons
IXYS extends its GenX3TM insulated gate bipolar transistor (IGBT) product line to
600 volts. These new IGBTs are manufactured using IXYS’ state-of-the-art GenX3TM
IGBT process and utilize IXYS’ advanced Punch-Though (PT) technology, tailored
to provide higher surge current capabilities, lower saturation voltages, and lower
switching losses.
To accommodate optimum part selection, designers have a choice in selecting
between three sub-classes denoted A3, B3, and C3. These classifications allow
designers to “dial in” the best compromise between static (conduction) and
dynamic (switching) losses, improving over-all system efficiency in a variety of
power conversion applications by balancing critical requirements such as switching
frequency, efficiency, and cost structure. The A3-Class are optimized for low
saturation voltage V(sat) and are well suited for applications requiring switching
frequencies up to 5kHz. Similarly, the B3-Class offers low saturation voltages, but
is optimized to accommodate applications that require “medium speed” switching
operation from 5kHz to 40kHz. The C3-Class is optimized for “high speed” switching
operation from 40kHz to 100kHz and resonant switching operation of up to
400kHz.
IXYS 600V GenX3TM IGBTs are offered in various standard packages, including the
full gamut of surface mount and discrete packages with current ratings from 36
amperes to 210 amperes. Furthermore, some devices will be offered in PLUS and
ISOPLUS isolated packages, featuring UL recognized 2500V isolation and superior
thermal performance. Co-Packed variants of these new devices are available with
IXYS’ HiPerFREDTM ultra-fast recovery diodes providing exceptional fast recovery
and soft switching characteristics.
These IGBTs are designed to achieve the optimal solution in applications such as
power inverters, UPS, motor drives, SMPS, PFC, battery chargers, welding machines,
lamp ballasts, inrush current protection circuits and DC choppers.
january 2009
new
pr o D uc T
B r I ef
www.ixys.com
oVerVIew


Similar Part No. - IXGN400N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
   Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
More results

Similar Description - IXGN400N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com