Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE354-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE354-12
Description  SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE354-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE354-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE354-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE354-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Size
Length, in [mm]
12 [304.8]
Diameter, in [mm]
0.163 [4.14]
.
Weight, lbs [g]
0.028 [12.7]
Cable Color
Blue
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.163 [4.14]
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
N Male
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141
Coax, RoHS PE354-12
URL: http://www.pasternack.com/sma-male-n-male-pe-p141-cable-assembly-pe354-12-p.aspx
PE354-12 REV 1.1
PE354-12
SMA Male to N Male High Performance Test Cable
18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS


Similar Part No. - PE354-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE354-120 PASTERNACK-PE354-120 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE354-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE352-12 PASTERNACK-PE352-12 Datasheet
333Kb / 3P
   N Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE354-60 PASTERNACK-PE354-60 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 60 Inch Length Using PE-P141 Coax, RoHS
PE354-72 PASTERNACK-PE354-72 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 72 Inch Length Using PE-P141 Coax, RoHS
PE354-120 PASTERNACK-PE354-120 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
PE354-24 PASTERNACK-PE354-24 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 24 Inch Length Using PE-P141 Coax, RoHS
PE354-36 PASTERNACK-PE354-36 Datasheet
335Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 36 Inch Length Using PE-P141 Coax, RoHS
PE354-48 PASTERNACK-PE354-48 Datasheet
336Kb / 3P
   SMA Male to N Male High Performance Test Cable 18 Ghz 48 Inch Length Using PE-P141 Coax, RoHS
PE350-24 PASTERNACK-PE350-24 Datasheet
338Kb / 3P
   SMA Male to SMA Male High Performance Test Cable 26 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE350-12 PASTERNACK-PE350-12 Datasheet
338Kb / 3P
   SMA Male to SMA Male High Performance Test Cable 26 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE350-12 PASTERNACK-PE350-12 Datasheet
338Kb / 3P
   SMA Male to SMA Male High Performance Test Cable 26 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com