Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2581 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2581
Description  Micropower Voltage Mode PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2581 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2581 Datasheet HTML 1Page - Texas Instruments UCC2581 Datasheet HTML 2Page - Texas Instruments UCC2581 Datasheet HTML 3Page - Texas Instruments UCC2581 Datasheet HTML 4Page - Texas Instruments UCC2581 Datasheet HTML 5Page - Texas Instruments UCC2581 Datasheet HTML 6Page - Texas Instruments UCC2581 Datasheet HTML 7Page - Texas Instruments UCC2581 Datasheet HTML 8Page - Texas Instruments UCC2581 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
UCC1581
UCC2581
UCC3581
The externally bypassed 4.0V reference is controlled by
undervoltage lockout and chip enable circuitry. The en-
able input is internally tied to a 10
µA current source
which allows the pin to be driven by an open collector
driver. The part is also enabled if EN floats. The
UCC3581 has a soft start function which requires a user
supplied external timing capacitor. When in soft start
mode, the soft start capacitor, CSS, is charged with a
constant current source. The soft start current is 3.75X
the current in RT1.
There is an on-chip control amplifier, which when driving
the gate of an external depletion mode N-MOSFET, acts
as a 7.5V linear preregulator supplying VDD directly from
the primary input power line. The preregulator may sub-
sequently be fully disabled by a tertiary bootstrap winding
providing a minimum of 8.2V to the VDD pin.
Computation of DCMIN
DCMIN for a given duty cycle is calculated as follows:
()
Vi
DC
tt
C
OSC
ON
OFF
T
=•
+
where:
• i = oscillator charge current = 9.2 . (2.0V/RT1)
• DC = Duty Cycle, as a fraction of 1
• tON = 0.082 • RT1 • CT
• tOFF = 0.95 • RT2 • CT
• CT = Oscillator Capacitor
The CT pin ramp slews from 1V to 2.5V. Therefore, add
∆V to 1V to get DCMIN voltage.
Example: For 10% duty cycle with RT1 = 680k
Ω, RT2 =
12k
Ω, and CT = 705pF,
()
Vi
DC
tt
C
OSC
ON
OFF
T
=•
+
()
=
• 
 ••
+
−−
92
20
680
0 1
4 182 10
8 55 10
56
.
.
.
.
sec
.
sec
V
k
750 10
12
VV
=018
.
Therefore,
DCMIN
V
V
V
=+
=
10 18
1 18
..
A Typical Micropower Application
The circuit shown in Fig. 3 illustrates the use of the
UCC3581 in a micropower application. The isolated 5V
flyback power supply uses a minimum of parts and oper-
ates over an 8:1 input voltage range (15VDC to 120VDC)
while delivering a regulated 5V output with a load swing
from 0W to 1W. It operates in the discontinuous mode at
light load or high line, and continuous mode at heavier
loads and lower line voltages. Higher input line voltages
are possible by simply increasing the voltage ratings of
C1, Q1, D1 and D2.
The most notable feature of the design is its efficiency.
With a load of 1 watt, the typical efficiency is 82%, drop-
ping to 70% around 50mW. With a load of only 12.5mW,
the efficiency remains as high as 50%. At this load, with
an input of 50V, the total input current is only 500
µA.
Note that the power supply can be disabled by pulling the
UCC3581 enable pin low, in which case the input current
drops to less than 150
µA.
The UCC3581 achieves very low losses by means of low
quiescent current and pulse skipping at light loads which
reduces switching losses. The degree of pulse skipping is
controlled by programming the minimum duty cycle. In
this example, the frequency is 35kHz at maximum load
and drops to <2kHz at 12.5mW load (minimum pulse
width of around 6
µsec, or 21% duty cycle at 35kHz).
Another way losses are reduced is operating with a VDD
of around 10V rather than the more common 12V to 16V.
At such light primary currents, the MOSFET remains in
full saturation with a gate drive voltage well below 10V.
Gate drive losses are minimized by choosing a MOSFET
with low total gate charge, in this case only 8nC maxi-
mum. By choosing a large gate drive resistor, EMI is min-
imized by reducing peak currents. Due to pulse skipping,
switching times are less critical for efficiency at light load.
The
shunt
regulator
(LM3411)
and
optocoupler
(MOC8100) are also key to the efficiency at such light
loads, and were chosen for their low operating current.
The LM3411 has a quiescent current of only 150
µA max-
imum (compared to 1mA for the more common TL431).
In addition, because it is not a three terminal device, the
LM3411’s quiescent current does not flow in the
optocoupler LED. Since this bias current is not in the
feedback control path, a higher value pull-up resistor can
be used on the optocoupler output transistor, further re-
ducing losses.
APPLICATION INFORMATION (cont.)


Similar Part No. - UCC2581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2581 TI-UCC2581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
More results

Similar Description - UCC2581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com