Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDE504D2R Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDE504D2R
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDE504D2R Datasheet(HTML) 3 Page - IXYS Corporation

  IXDE504D2R Datasheet HTML 1Page - IXYS Corporation IXDE504D2R Datasheet HTML 2Page - IXYS Corporation IXDE504D2R Datasheet HTML 3Page - IXYS Corporation IXDE504D2R Datasheet HTML 4Page - IXYS Corporation IXDE504D2R Datasheet HTML 5Page - IXYS Corporation IXDE504D2R Datasheet HTML 6Page - IXYS Corporation IXDE504D2R Datasheet HTML 7Page - IXYS Corporation IXDE504D2R Datasheet HTML 8Page - IXYS Corporation IXDE504D2R Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
IXDD504 / IXDE504
Unless otherwise noted, 4.5V
≤ V
CC ≤ 30V .
All voltage measurements with respect to GND. IXD_504 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics @ T
A = 25
oC (3)
Absolute Maximum Ratings (1)
Operating Ratings (2)
Parameter
Value
Supply Voltage
35 V
All Other Pins (unless specified
-0.3 V to V
CC + 0.3V
otherwise)
Junction Temperature
150
°C
Storage Temperature
-65
°C to 150 °C
Lead Temperature (10 Sec)
300
°C
Parameter
Value
Operating Supply Voltage
4.5V to 30V
Operating Temperature Range
-55
°C to 125 °C
(4)
IXYS reserves the right to change limits, test conditions, and dimensions.
Package Thermal Resistance *
8-PinPDIP
(PI)
θ
J-A (typ) 125 °C/W
8-PinSOIC
(SIA)
θ
J-A(typ)
200
°C/W
8-LeadDFN
(D2)
θ
J-A(typ)
125-200
°C/W
8-LeadDFN
(D2)
θ
J-C(max) 2.1 °C/W
8-LeadDFN
(D2)
θ
J-S(typ)
6.4°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH, VENH
High input & EN voltage
4.5V
≤ V
IN ≤ 18V
3
V
VIL, VENL
Low input & EN voltage
4.5V
≤ V
IN ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
VEN
Enable voltage range
- 0.3
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
High state output resistance
VCC = 18V
IOUT = 10mA
1.5
2.5
ROL
Low state output resistance
VCC = 18V
IOUT = 10mA
1.2
2.0
IPEAK
Peak output current
VCC = 15V
4
A
IDC
Continuous output current
Limited by package
dissipation
1
A
tR
Rise time
CLOAD =1000pF
VCC =18V
9
16
ns
tF
Fall time
CLOAD =1000pF
VCC =18V
8
14
ns
tONDLY
On-time propagation delay
CLOAD =1000pF
VCC =18V
19
40
ns
tOFFDLY
Off-time propagation delay
CLOAD =1000pF
VCC =18V
18
35
ns
tENOH
Enable to output high delay time
15
30
ns
tDOLD
Disable to high impedance state
delay time
63
100
ns
VCC
Power supply voltage
4.5
18
30
V
REN
Enable Pull-up Resistor
200
k
ICC
Power supply current
VCC = 18V, VIN = 0V
VIN = 3.5V
VIN = VCC
1
20
3
20
µA
mA
mA


Similar Part No. - IXDE504D2R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDE509D1 IXYS-IXDE509D1 Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509D1TR IXYS-IXDE509D1TR Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509PI IXYS-IXDE509PI Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509SIA IXYS-IXDE509SIA Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509SIATR IXYS-IXDE509SIATR Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
More results

Similar Description - IXDE504D2R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD514 IXYS-IXDD514 Datasheet
469Kb / 13P
   14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD509 IXYS-IXDD509 Datasheet
407Kb / 10P
   9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com