Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2841 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2841_13 Datasheet HTML 6Page - Texas Instruments LM2841_13 Datasheet HTML 7Page - Texas Instruments LM2841_13 Datasheet HTML 8Page - Texas Instruments LM2841_13 Datasheet HTML 9Page - Texas Instruments LM2841_13 Datasheet HTML 10Page - Texas Instruments LM2841_13 Datasheet HTML 11Page - Texas Instruments LM2841_13 Datasheet HTML 12Page - Texas Instruments LM2841_13 Datasheet HTML 13Page - Texas Instruments LM2841_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
0.8V OUT
4.5V to 12V IN
D1
MA2YD26
R1
30.9
R2
787
CBOOT
VIN
CIN
2.2 PF
L1
10 PH
COUT
100 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
15V OUT
18V to 42V IN
D1
MA2YD26
R1
28k
R2
1.5k
CBOOT
VIN
CIN
2.2 PF
L1
47 PH
COUT
22 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
12V OUT
15V to 42V IN
D1
MA2YD26
R1
14.7k
R2
1k
CBOOT
VIN
CIN
2.2 PF
L1
47 PH
COUT
22 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
5V OUT
7V to 42V IN
R1
R2
5.62k
1.02k
D1
MA2YD26
CBOOT
VIN
CIN
2.2 PF
L1
15 PH
COUT
47 PF
0.15 PF
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Figure 15. Application Circuit, 5V Output
Figure 16. Application Circuit, 12V Output
Figure 17. Application Circuit, 15V Output
Figure 18. Application Circuit, 0.8V Output
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842


Similar Part No. - LM2841_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
More results

Similar Description - LM2841_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com