Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX-5010 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MX-5010
Description  Soldering, Desoldering and Rework System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MX-5010 Datasheet(HTML) 4 Page - OKI electronic componets

  MX-5010 Datasheet HTML 1Page - OKI electronic componets MX-5010 Datasheet HTML 2Page - OKI electronic componets MX-5010 Datasheet HTML 3Page - OKI electronic componets MX-5010 Datasheet HTML 4Page - OKI electronic componets MX-5010 Datasheet HTML 5Page - OKI electronic componets MX-5010 Datasheet HTML 6Page - OKI electronic componets MX-5010 Datasheet HTML 7Page - OKI electronic componets MX-5010 Datasheet HTML 8Page - OKI electronic componets MX-5010 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
03
MX-W5DS
MX-5050 System with
MX-DS1 Desoldering Hand-piece
MX-5041 System with
MX-PTZ Hand-piece
MX-5020 System with
UltraFineHand-piece
MX-5020 UltraFineSoldering System
The MX-5020 includes the Metcal UltraFine
Soldering Hand-piece. Using the all-new
UFTC cartridges, the hand-piece is a speciality tool for soldering and touch-up of very
small components, restricted access or high density component packaging on a PCB.
The new range of UFTC cartridges (see page 10) feature tip geometries of 0.2 mm (.0078")
to 1.2 mm (.047"). With their relatively small geometries and low mass, as compared to the
STTC Series, these are suited for low-mass or small part soldering.
MX-5041 Precision Tweezers, Soldering and Rework System
The MX-5041 combines both the Metcal Advanced
Hand-piece and the Precision Tweezers
Hand-piece. Users get maximum application flexibility for soldering and reworking the widest
range of surface mount components. When switching hand-pieces, tips reach operating
temperature in seconds by simply pressing the Output Selector/Command Button.
MX-5050 Plated-Through-Hole Component Desoldering System
Users challenged by very large ground planes or lead-free solders, when desoldering through-
hole devices, now have a new, high-power solution with the Metcal MX-5050. With constant
temperature and variable power, the system safely and rapidly responds to the thermal load
demands of the application. The exceptional power of the MX-5050 System's power supply
coupled with the high mass STDC desoldering cartridges (see page 10) provide assurance
for fast, high quality results.
MX-5051 Soldering, Desoldering and Rework System
For unmatched rework versatility, the MX-5051 addresses through-hole desoldering, general
soldering, and SMD rework applications. The system includes two hand-pieces. The Metcal
AdvancedHand-piece with a selection of soldering and SMD rework cartridges and the
Metcal MX-DS1 Desoldering hand-piece for through-hole desoldering. This configuration
is ideal for mixed technology boards and provides the greatest versatility for addressing
soldering and rework tasks.
Hand-pieces
TipSaverWorkstands
SYSTEMS CONFIGURATION GUIDE
PART
NUMBER
MX-5010
MX-5020
MX-5041
MX-5050
MX-5051
MX-H1-AV
Metcal
Advanced
MX-H2-UF
Metcal
UltraFine
MX-PTZ
Precision
Tweezers
MX-DS1
Desoldering
MX-W1AV
MX-W4PT
MX-PS5000
Power
Supply
All systems include: power supply, appropriate hand-pieces and workstands, power cord, cartridge removal pad, sponge, brass tip
cleaning pad, user guide. MX-H1-AV and MX-H2-UF Hand-pieces include three grips per hand-piece.
UltraFineTM Hand-piece
AdvancedTM Hand-piece
Fast, efficient through-hole
desoldering


Similar Part No. - MX-5010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500DS ETC-MX-500DS Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500P ETC-MX-500P Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500S ETC-MX-500S Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
More results

Similar Description - MX-5010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
List of Unclassifed Man...
A1042 ETC1-A1042 Datasheet
1Mb / 24P
   Desoldering Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com