Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHE Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UHE
Description  Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHE Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UHE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UHE Series
Isolated, High Efficiency, 1.6" × 2"
2-10 Amp, 12-30 Watt DC/DC Converters
MDC_UHE_12-30W Series.C01 Page 5 of 16
www.murata-ps.com/support
Output
Overvoltage Protection:
Magnetic feedback
1.2V Outputs
1.5-2.1 Volts
1.5V Outputs
1.8-2.4 Volts
1.8V Outputs
2.2-2.8 Volts
2.5V Outputs
2.8 to 3.2 Volts
3.3V Outputs
4 to 4.8 Volts
5V Outputs
6.1-7.5 Volts
12V Outputs
12.7-13.5 Volts
15V Outputs
15.8-16.2 Volts
Maximum Capacitive Loading:
10,000μF (1.2-5VOUT)
(Low ESR capacitor)
2,000μF (12-15VOUT)
Dynamic Characteristics
Dynamic Load Response:
(50-100% load step to ±3% VOUT)
200μsec maximum
Start-Up Time:
8msec typical
VIN to VOUT and On/Off to VOUT
15msec maximum
UHE-15/2000-Q12
30mS typ., 50mS max.
Switching Frequency
150-350kHz (model dependent)
Environmental
MTBF
UHE-12/2500-Q12
5,885,546 hours
Operating Temperature (Ambient):
–40 to +85°C with Derating
(see Derating Curves)
Thermal Shutdown
+115°C to +130°C
Storage Temperature
–55 to +125°C
Flammability
UL 94 V-0
Physical
Dimensions
1.6" x 2" x 0.40" (40.64 x 50.8 x 10.16mm)
Case Material
Diallyl Phthalate
Pin Material
Gold-plated copper alloy
Weight
1.51 ounces (46.9 grams)
Primary to Secondary Insulation Level
Basic
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage and full-load conditions, unless noted.
➀ ➁
Input
Input Voltage Range:
D12 Models (start up at 10V max.)
9-18 Volts (12V nominal)
Q12 Models (start up at 10V max.)
9-36 Volts (24V nominal)
D24 Models
18-36 Volts (24V nominal)
Q48 Models
18-75 Volts (48V nominal)
D48 Models
36-75 Volts (48V nominal)
Overvoltage Shutdown:
D12 Models
18.5-23 Volts
Q12/D24 Models
37-42 Volts
D48/Q48 Models
Not applicable
Start-Up Threshold:
D12/Q12 Models
9.4-10 Volts
D24/Q48 Models
15.5-18 Volts
D48 Models
33.5-36 Volts
Undervoltage Shutdown:
D12/Q12 Models
7.0-8.8 Volts
D24/Q48 Models
15-17 Volts
D48 Models
32-35.5 Volts
Input Current:
Normal Operating Conditions
See Ordering Guide
Standby Mode (Off, OV, UV)
5mA
Input Reflected Ripple Current
2.5-10mAp-p
Input Filter Type
LC or Pi type
Reverse-Polarity Protection
Brief duration, 5A maximum
Remote On/Off Control (Pin 4):
Positive Logic (Standard)
On = open, open collector, or to +15V
applied. IIN = 2.6mA max.
Off = pulled low to 0-0.8V. IIN = 2mA max.
Negative Logic ("N" Suffix Models)
On = pulled low to 0-0.8V. IIN = 6mA max.
Off = open, open collector or to +15V
applied. IIN = 1mA max.
Output
VOUT Accuracy (50% load):
Initial
±1.5%
Temperatue Coefficient
±0.02% per °C
Extreme(5)
±3%
Minimum Loading for Specification:
No load
Ripple/Noise (20MHz BW)
See Ordering Guide
Line/Load Regulation
See Ordering Guide
Efficiency
See Ordering Guide
VOUT Trim Range(6)
±5% minimum (±10% for T models)
Remote Sense Compensation
±5%
Isolation Voltage:
Input-to-Output
1500Vdc minimum (BASIC)
Isolation Capacitance
650pF
Isolation Resistance
100M
Current Limit Inception (@98%VOUT):
10 Amp Models
12-15 Amps
7.5 Amp Models
8.2-11.5 Amps
5/6 Amp Models
6.5-8.5 Amps
2.5 Amp Models
2.6-4 Amps
2.0 Amp Models
2.1-3 Amps
Short Circuit Current (Hiccup)
1.5-2.3 Amps
➀ All models are tested and specified with a single, external, 0.47μF, multi-layer ceramic output
capacitor and no external input capacitors, unless otherwise noted. All models will effectively
regulate under no-load conditions (with perhaps a slight increase in output ripple/noise).
➁ See Technical Notes/Performance Curves for additional explanations and details.
➂ Input Ripple Current is tested/specified over a 5-20MHz bandwidth with an external 33μF input
capacitor and a simulated source impedance of 220μF and 12μH. See I/O Filtering, Input Ripple
Current and Output Noise for details.
➃ The On/Off Control is designed to be driven with open-collector (or equivalent) logic or the applica-
tion of appropriate voltages (referenced to –Input (pin 2)). Applying a voltage to the On/Off Control
pin when no input voltage is applied to the converter can cause permanent damage. See Remote
On/Off Control for more details.
➄ Extreme Accuracy refers to the accuracy of either trimmed or untrimmed output voltages over all
normal operating ranges and combinations of input voltage, output load and temperature.
➅ Tie the Output Trim pin (pin 9) to +Output (pin 6) for maximum trim down or to –Output (Output
Return/Common, pin 7) for maximum trim up. See Output Trimming for detailed trim equations.
➆ The Current-Limit-Inception point is the output current level at which the converter's power-limiting
circuitry drops the output voltage 2% from its initial value. See Output Current Limiting and
Short-Circuit Protection for more details.
➇ For Start-Up-Time specifications, output settling time is defined as the output voltage having
reached ±1% of its final value at maximum load current.
➈ MTBF’s are calculated using TELCORDIA SR-332 Method 1 Case, ground fixed, +25°C ambient air
and full-load conditions. Contact MPS for demonstrated life-test data.
➉ All models are fully operational and meet all published specifications, including "cold start," at –40°C.
Use only as much output filtering as needed and no more. Larger caps (especially low-ESR ceramic
types) may slow transient response or degrade dynamic performance. Thoroughly test your system
with all components installed.


Similar Part No. - UHE

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UHE MURATA-PS-UHE Datasheet
918Kb / 16P
   Isolated, High Efficiency
UHE MURATA-PS-UHE Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
UHE-1.2/10000-D12-C MURATA-PS-UHE-1.2/10000-D12-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
UHE-1.2/10000-D24-C MURATA-PS-UHE-1.2/10000-D24-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
UHE-1.2/10000-D48-C MURATA-PS-UHE-1.2/10000-D48-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com