Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE39424 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39424
Description  SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39424 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39424 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39424 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39424 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR402FL
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.139 [3.53]
.
Weight, lbs [g]
0.027 [12.25]
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
1.57 [39.88]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
NoofShields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male Right Angle
Configuration
RightAngle
Connector 2
Type
SMA Male Right Angle
Configuration
RightAngle
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-
SR402FL Coax, RoHS PE39424
URL:
http://www.pasternack.com/sma-male-sma-male-pe-sr402fl-cable-assembly-pe39424-p.aspx
PE39424 REV
PE39424
SMA Male Right Angle to SMA Male Right Angle Semi-
Flexible Precision Cable Using PE-SR402FL Coax, RoHS


Similar Part No. - PE39424

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39424-12 PASTERNACK-PE39424-12 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-18 PASTERNACK-PE39424-18 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-24 PASTERNACK-PE39424-24 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-6 PASTERNACK-PE39424-6 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-9 PASTERNACK-PE39424-9 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
More results

Similar Description - PE39424

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39425 PASTERNACK-PE39425 Datasheet
335Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39424-6 PASTERNACK-PE39424-6 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-24 PASTERNACK-PE39424-24 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39424-18 PASTERNACK-PE39424-18 Datasheet
338Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39430 PASTERNACK-PE39430 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39424-9 PASTERNACK-PE39424-9 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39438 PASTERNACK-PE39438 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39416 PASTERNACK-PE39416 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39428 PASTERNACK-PE39428 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39424-12 PASTERNACK-PE39424-12 Datasheet
337Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com