Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHV-6A Datasheet(PDF) 1 Page - TDK Electronics

Part # UHV-6A
Description  Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

UHV-6A Datasheet(HTML) 1 Page - TDK Electronics

  UHV-6A Datasheet HTML 1Page - TDK Electronics UHV-6A Datasheet HTML 2Page - TDK Electronics UHV-6A Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1/3)
002-03 / 20060919 / e4e38_uhv_fhv.fm
• All specifications are subject to change without notice.
Ultra-high Voltage Ceramic Capacitors
Molded Type with Metal Terminals UHV, FHV Series
CLASS 2 HIGH DIELECTRIC
DC. 20 TO 50kV: UHV-1A TO 12A, 221A TO 253A TYPES
DC. 15 TO 50kV: FHV-1AN TO 12AN, 153AN TYPES
TDK UHV and FHV series high voltage ceramic capacitors feature
low dissipation and excellent voltage-capacitance characteristics
using patented strontium titanate for dielectric material. They are
epoxy-encapsulated to meet requirement of high voltage applica-
tions.
FEATURES
•Small size.
• Low dissipation factor.
• Excellent voltage-capacitance characteristics.
• Screw terminals for easy mounting.
• FHV series: High capacitance and low temperature characteri-
stics of capacitance.
APPLICATIONS
High voltage power supplies, laser equipment.
INITIAL CHARACTERISTICS
PC: Pico coulomb
SHAPES AND DIMENSIONS
UHV-1A to 12A
UHV-221A to 253A
FHV-1AN to 12AN
Conformity to RoHS Directive
Series
UHV
FHV
Operating temperature
range
–30 to +85°C
–30 to +85°C
Rated voltage
DC. 20 to 50kV
DC.15 to 50kV
Insulation resistance
100,000M
Ω min.
100,000M
Ω min.
Nominal capacitance
range
100 to 4,000pF
700 to 7,000pF
Capacitance tolerance
±10%
±10%
Dissipation factor(tan
δ)
0.2% max.
0.2% max.
Capacitance temperature
characteristics
Z5T:+22, –33%[+10 to +85°C, 25°C ]
Y5S:±22%[–30 to +85°C, 25°C ]
AC Corona starting
voltage
3PCmax. at 50% of rated voltage min.(50Hz rms)
3PCmax. at 50% of rated voltage min.(50Hz rms)
Withstanding voltage
No breakdown at 1.5 times of rated voltage, 60s(in oil)
No breakdown at 1.5 times of rated voltage, 60s(in oil)
øD±1
L±1
T±2
ø15±0.5
ISO M5 female
thread
ISO M4 female
thread
øD±1
L±1
T±2
Dimensions in mm
MARKING
Item
Marking example
1. Part No.
2. Nominal capacitance
and tolerance code
3. Rated voltage
4. Manufacturer’s name
(TDK or TDK logo mark)
5. Lot No.
UHV-5A
172K
30kV
TDK
1234
1
2
3
4
5
øD±1
L±1
T±2
ø15±0.5
ISO M5 female
thread
MARKING
Item
Marking example
1. Part No.
2. Nominal capacitance
and tolerance code
3. Rated voltage
4. Manufacturer’s name
(TDK or TDK logo mark)
5. Lot No.
FHV-5A
172K
30kV
TDK
1234
1
2
3
4
5
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - UHV-6A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UHV-6A TDK-UHV-6A Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV-6A TDK-UHV-6A Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
More results

Similar Description - UHV-6A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-12AU TDK-FD-12AU Datasheet
60Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com