Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND05BSP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND05BSP-E
Description  Iso high side smart power solid state relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05BSP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VND05BSP-E Datasheet HTML 1Page - STMicroelectronics VND05BSP-E Datasheet HTML 2Page - STMicroelectronics VND05BSP-E Datasheet HTML 3Page - STMicroelectronics VND05BSP-E Datasheet HTML 4Page - STMicroelectronics VND05BSP-E Datasheet HTML 5Page - STMicroelectronics VND05BSP-E Datasheet HTML 6Page - STMicroelectronics VND05BSP-E Datasheet HTML 7Page - STMicroelectronics VND05BSP-E Datasheet HTML 8Page - STMicroelectronics VND05BSP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November 2008
Rev 3
1/16
16
VND05BSP
Iso high side smart power solid state relay
Features
Output current (continuous): 9A @ Tc=85°C
5V logic level compatible input
Thermal shutdown
Under voltage shutdown
Open drain diagnostic output
Inductive load fast demagnetization
Very low standby power dissipation
Description
The VND05BSP is a monolithic device made
using STMicroelectronics VIPower Technology,
intended for driving resistive or inductive loads
with one side grounded.
This device has two channels, and a common
diagnostic. Built-in thermal shutdown protects the
chip from over temperature and short circuit.
The status output provides an indication of open
load in on state, open load in off state,
overtemperature conditions and stuck-on to VCC.
Type
VDSS
RDS(on)
IOUT
VCC
VND05BSP
40 V
0.2
1.6A
26 V
1
10
PowerSO-10
Table 1.
Device summary
Package
Order codes
Tube
Tape & reel
VND05BSP
VND05BSP
VND05BSP13TR
www.st.com


Similar Part No. - VND05BSP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND05BSP STMICROELECTRONICS-VND05BSP Datasheet
226Kb / 9P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
   Iso high side smart power solid state relay
More results

Similar Description - VND05BSP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
   Iso high side smart power solid state relay
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN31-E STMICROELECTRONICS-VN31-E Datasheet
228Kb / 13P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
June 2004 REV. 2
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN31 STMICROELECTRONICS-VN31_04 Datasheet
219Kb / 13P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com