Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520-QNL Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS87C520-QNL
Description  EPROM/ROM High-Speed Microcontrollers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS87C520-QNL Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS87C520-QNL Datasheet HTML 1Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 2Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 3Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 4Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 5Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 6Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 7Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 8Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
4 of 43
Figure 1. Block Diagram
PIN DESCRIPTION
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
40
44
38
VCC
Positive Supply Voltage. +5V
20
1, 22, 23
16, 17, 39
GND
Digital Circuit Ground
9
10
4
RST
Reset Input. The RST input pin contains a Schmitt voltage input
to recognize external active high Reset inputs. The pin also
employs an internal pulldown resistor to allow for a combination
of wired OR external reset sources. An RC is not required for
power-up, as the device provides this function internally.
18
20
14
XTAL2
19
21
15
XTAL1
Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for
parallel-resonant, AT-cut crystals. XTAL1 acts also as an input if
there is an external clock source in place of a crystal. XTAL2
serves as the output of the crystal amplifier.
29
32
26
PSEN
Program Store-Enable Output. This active-low signal is
commonly connected to optional external ROM memory as a chip
enable.
PSEN provides an active-low pulse and is driven high
when external ROM is not being accessed.
DS87C520/
DS83C520


Similar Part No. - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
List of Unclassifed Man...
DS87C520-QNL ETC2-DS87C520-QNL Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com