Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75U+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS75U+
Description  Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75U+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS75U+ Datasheet HTML 1Page - Maxim Integrated Products DS75U+ Datasheet HTML 2Page - Maxim Integrated Products DS75U+ Datasheet HTML 3Page - Maxim Integrated Products DS75U+ Datasheet HTML 4Page - Maxim Integrated Products DS75U+ Datasheet HTML 5Page - Maxim Integrated Products DS75U+ Datasheet HTML 6Page - Maxim Integrated Products DS75U+ Datasheet HTML 7Page - Maxim Integrated Products DS75U+ Datasheet HTML 8Page - Maxim Integrated Products DS75U+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS75
4 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD, Relative to Ground
–0.3V to +7.0V
Voltage on any other pin, Relative to Ground
–0.3V to (V DD + 0.3V)
Operating Temperature
–55
°C to +125°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
+260
°C for 10 seconds
* These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 2.7V
≤ V
DD ≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
-25 to +100
± 2.0
Thermometer Error
TERR
-55 to +125
± 3.0
°C
2
Input Logic High
VIH
0.7VDD
VDD+0.5
V
1
Input Logic Low
VIL
-0.5
0.3VDD
V
1
VOL1
3 mA sink
current
0
0.4
SDA Output Logic Low
Voltage
VOL2
6 mA sink
current
0
0.6
V
1
O.S. Saturation Voltage
VOL
4 mA sink
current
0.8
V
1, 2
Input current each I/O
pin
0.4 < VI/O<
0.9 VDD
-10
+10
μA
I/O Capacitance
CI/O
10
pF
Standby Current
IDD1
1
µA
3, 4
Active Temp.
Conversions
1000
Active Current
IDD
Communica-
tion only
100
µA
3, 4


Similar Part No. - DS75U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75U++ MAXIM-DS75U+ Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
DS75U+T&R MAXIM-DS75U+T&R Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
More results

Similar Description - DS75U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com