Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3807DHE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807DHE
Description  3.3V Fast CMOS Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807DHE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3807DHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3807DHE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS7010H
07/28/10
3.3V Fast CMOS Clock Driver
Description
Pericom Semiconductor’s PI49FCT3807 is a 3.3V 1-to-10 clock
driver.Thislowskewclockdriverfeaturesoneinputandtenoutputs
fanout. The large fanout from a single input line reduced loading
on input clock. TTL level outputs reduce noise levels on the part.
Typical applications are clock and signal distributon
Pin Configuration
Pin Description
Pin Name
Description
A
Input
B0-B9
Outputs
GND
Ground
VCC
Power
Block Diagram
PI49FCT3807
Features
• 3.3VversionofPI49FCT807
• Ultralowskew:0.35ns
• LowInputCapacitance
• Minimumdutycycledistortion
• 1:10fanout
• Highspeed:3.5nspropogation
• TTLinputandCMOSoutputcompatible
–VOH=3.3V(typical)
–VOL=0.3V(typical)
• IndustrialTemperature:–40°Cto+85°C
• 3.3V±10%operation
• Packaging(Pb-free&Green):
–20-pin300-milwideSOIC(S)
–20-pin150-milwideQSOP(Q)
–20-pin209-milwideSSOP(H)
VCC
B9
B8
GND
B7
VCC
B6
GND
B5
B4
A
GND
B0
VCC
B1
GND
B2
VCC
B3
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
A
11-0005


Similar Part No. - PI49FCT3807DHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807DHEX PERICOM-PI49FCT3807DHEX Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807DHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807 Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com