Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C9X20508GPBNDE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI7C9X20508GPBNDE
Description  PCI EXPRESS PACKET SWITCH
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X20508GPBNDE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI7C9X20508GPBNDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C9X20508GPBNDE Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
PI7C9X20508GP
5Port-8Lane PCI Express Switch
GreenPacket
TM Family
Datasheet
Page 10 of 81
June 2009 – Revision 1.5
Pericom Semiconductor
1 Features
 8-lane PCI Express Switch with 5 PCI Express ports
 Non-blocking full-wired switching capability at 32 Gbps when all 5 ports are enabled
 Supports “Cut-through”(Default) as well as “Store and Forward” mode for packet switching
 Peer-to-peer switching between any two downstream ports
 150 ns typical latency for packet routed through Switch without blocking
 Strapped pins configurable with optional EEPROM or SMBus
 SMBus interface support
 Compliant with System Management (SM) Bus, Version 1.0
 Compliant with PCI Express Base Specification Revision 1.1
 Compliant with PCI Express CEM Specification Revision 1.1
 Compliant with PCI-to-PCI Bridge Architecture Specification Revision 1.2
 Compliant with Advanced Configuration Power Interface (ACPI) Specification
 Compliant with PCI Standard Hot-Plug Controller (SHPC) and Subsystem Specification Revision 1.0
 Reliability, Availability and Serviceability
-
Supports Data Poisoning and End-to-End CRC
-
Advanced Error Reporting and Logging
-
Hot Plug support
-
IEEE 1149.6 JTAG interface support
 Advanced Power Saving
-
Empty downstream ports are set to idle state to minimize power consumption
 Link Power Management
-
Supports L0, L0s, L1, L2, L2/L3Ready and L3 link power states
-
Active state power management for L0s and L1 states
-
Beacon or Wake# support in L2 state
 Device State Power Management
-
Supports D0, D3Hot and D3Cold device power states
-
3.3V Aux Power support in D3Cold power state
 Port Arbitration: Round Robin (RR), Weighted RR and Time-based Weighted RR
 Extended Virtual Channel capability
-
Two Virtual Channels (VC) and Eight Traffic Class (TC) support
-
Disabled VCs’ buffer is assigned to enabled VCs for resource sharing
-
Independent TC/VC mapping for each port
-
Provides VC arbitration selections: Strict Priority, Round Robin (RR) and Programmable
Weighted RR
 Supports Isochronous Traffic
-
Isochronous traffic class mapped to VC1 only
-
Strict time based credit policing
 Supports up to 256-byte maximum payload size
 Programmable driver current and de-emphasis level at each individual port
 Low Power Dissipation at 1.0W in L0 normal mode
 Industrial Temperature Range -40o to 85oC
 256-pin PBGA 17mm x 17mm package, 1.0 mm Ball Pitch


Similar Part No. - PI7C9X20508GPBNDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X20508GP PERICOM-PI7C9X20508GP Datasheet
71Kb / 1P
   GreenPacket
More results

Similar Description - PI7C9X20508GPBNDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212_09 Datasheet
222Kb / 12P
[Old version datasheet]   PCI Express??SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
logo
PLX Technology
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com