Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT2245ATQE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74FCT2245ATQE
Description  Fast CMOS Octal Bidirectional Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2245ATQE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT2245ATQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT2245ATQE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PS2012E
08/08/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT245T
PI74FCT2245T(25 Ohm Series )
Octal BidirectionalTransceivers
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
PI74FCT2245TOrderingInformation
Ordering Code
Package Code
SpeedGrade
Package Type
PI74FCT2245TQ
Q
Blank
20-pinQSOP
PI74FCT2245TQE
Q
Blank
Pb-free & Green, 20-pinQSOP
PI74FCT2245TS
S
Blank
20-pinSOIC
PI74FCT2245TSE
S
Blank
Pb-free & Green, 20-pinSOIC
PI74FCT2245ATS
S
A
20-pinSOIC
PI74FCT2245ATSE
S
A
Pb-free & Green, 20-pinSOIC
PI74FCT2245ATQ
Q
A
20-pinQSOP
PI74FCT2245ATQE
Q
A
Pb-free & Green, 20-pinQSOP
PI74FCT2245CTL
L
C
20-pinTSSOP
PI74FCT2245CTLE
L
C
Pb-free & Green, 20-pinTSSOP
PI74FCT2245CTQ
Q
C
20-pinQSOP
PI74FCT2245CTQE
Q
C
Pb-free & Green, 20-pinQSOP
PI74FCT2245DTSE
S
D
Pb-free & Green, 20-pinSOIC
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free & Green
Adding an X suffix = Tape/Reel
06-0207


Similar Part No. - PI74FCT2245ATQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2245T PERICOM-PI74FCT2245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
More results

Similar Description - PI74FCT2245ATQE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com