Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C182BHE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C182BHE
Description  Precision 1-10 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182BHE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C182BHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182BHE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI6C182B
Precision 1-10 Clock Buffer
5
PS8465C
09/07/05
Figure 1. Clock Waveforms
Notes:
1.
Maximum rise/fall times are guaranteed at maximum specified
load.
2.
Minimum rise/fall times are guaranteed at minimum specified
load.
3.
Rise/fall times are specified with pure capacitive load as shown.
Testing is done with an additional 500Ω resistor in parallel.
Minimum and Maximum Expected
Capacitive Loads
Clock
Min.
Max.
Units
Notes
SDRAM
15
20
pF
SDRAM DIMM
Specificaion
Design Guidelines to Reduce EMI
1. Place series resistors and CI capacitors as close as possible to
the respective clock pins. Typical value for CI is 10pF. Series
resistor value can be increased to reduce EMI provided that
the rise and fall time are still within the specified values.
2. Minimize the number of “vias” of the clock traces.
3. Route clock traces over a continuous ground plane or over
a continuous power plane. Avoid routing clock traces from
plane to plane (refer to rule #2).
4. Position clock signals away from signals that go to any cables
or any external connectors.
1.5V
1.5V
tphl
tplh
1.5V
1.5V
Input
Waveform
Output
Waveform
Output
Buffer
Test
Point
2.4
1.5
0.4
tSDKH
tSDKP
3.3V
Clocking
Interface
(TTL)
tSDKL
tSDFALL
tSDRISE
Test Load


Similar Part No. - PI6C182BHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182BHE PERICOM-PI6C182BHE Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
More results

Similar Description - PI6C182BHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com