Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3805DQ Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805DQ
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805DQ Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3805DQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805DQ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8492D
11/13/08
Block Diagram
PI49FCT3805D/E
3.3V, 2 x 1:5 CMOS Clock Driver
Description
Pericom Semiconductor’s PI49FCT3805D/E is composed of
non-inverting drivers. The outputs are configured into 2 groups of
one-in, five-out with independent output enable. Group B has an
extra MON output. Excellent output signals to power and ground
ratio minimize power and ground noise and also improves output
performance.
Features
• Low output skew: <200ps
• Switching frequency up to 166 MHz
• Fast output rise/fall time: <1.0ns
• Low propagation delay: <2.5ns
• Low input capacitance: <6.0pF
• Balanced CMOS outputs
• Industrial Temperature: –40°C to +85°C
• 3.3V ±10% operation, 5V Input Tolerant
• Packaging (Pb-free & Green available):
– 20-pin 300-mil wide SOIC (S)
– 20-pin 150-mil wide QSOP (Q)
– 20-pin 209-mil wide SSOP (H)
– 20-pin 173-mil wide TSSOP (L)
Pin Description
Pin Name
Deescription
OEX
Hi-Z State Output Enable Inputs (Active Low)
INX
Clock Inputs
OAN, OBN
Clock Outputs
MON
Monitor Output
GND
Ground
VCC
Power
Truth Table(1)
Inputs
Outputs
OEX
INX
OAX
MON
LLLL
L
HHH
HL
Z
L
H
HZH
Note:
1. H = High Voltage Level, L = Low Voltage Level,
Z = High Impedance
Pin Configuration
VCCB
VCC
120
OB0
OA0
2
19
OB1
OA1
3
18
GNDB
OA2
4
17
OB2
GNDA
5
16
OB3
OA3
6
15
OB4
OA4
7
14
MON
GNDQ
8
13
OEB
OEA
9
12
INB
INA
10
11
OEB
INA
OA0Ð4
INB
OEA
OB0Ð4
MON
5
5
08-0298


Similar Part No. - PI49FCT3805DQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805DQ PERICOM-PI49FCT3805DQ Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQ PERICOM-PI49FCT3805DQ Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQE PERICOM-PI49FCT3805DQE Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805DQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com