Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A412ZHE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3A412ZHE
Description  Small Plastic Package, Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZHE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3A412ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-04-0014
PT0348-2
05/10/13
10
PI3A412
Small Plastic Package, Quad SPDT Analog Switch
Mechanical Information
16-pin TQFN (ZH16)
Ordering Information
Part Number
Packaging Code
Package
PI3A412ZHE
ZH
Lead Free and Green 16-pin TQFN
Notes:
E = Pb-free and Green
Adding X Suffix= Tape/Reel
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.
SYMBOL
MIN.
MAX
A
0.70
0.80
A1
0.00
0.05
A3
D
2.90
3.10
E
2.90
3.10
D1
1.60
1.80
E1
1.60
1.80
b
0.18
0.30
e
L
0.30
0.50
0.50 TYP
DOCUMENT CONTROL NO.
PD-0043
REVISION: A
DATE: 6/6/2012
PKG.
DIMENSIONS(MM)
0.20 REF
Pericom Technology (Shanghai) Co.Ltd.
3/F., 20 Building ,481 Gui Ping Road,
Shanghai,200233
Tel:(86-21)6485-0576. Fax: (86-21)6485-2181
DESCRIPTION: 16 Pin, TQFN, 3X3
PACKAGE CODE: ZH16
Note:
1) Ref : JEDEC MO-220J


Similar Part No. - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A412ZHE PERICOM-PI3A412ZHE Datasheet
738Kb / 11P
   0.4ohm, 3.3V, Quad SPDT Analog Switch
More results

Similar Description - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com