Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-95SQ015TR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-95SQ015TR
Description  Designed and qualified for commercial level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-95SQ015TR Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-95SQ015TR Datasheet HTML 1Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 2Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 3Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 4Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 5Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 6Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-95SQ015, VS-95SQ015-M3
www.vishay.com
Vishay Semiconductors
Revision: 09-Sep-11
3
Document Number: 93419
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics
VFM - Forward Voltage Drop (V)
1
10
93419_01
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T
J = 100 °C
T
J =
75 °C
T
J =
25 °C
0.1
VR - Reverse Voltage (V)
93419_02
0.1
1
10
100
1000
0
5
10
15
T
J = 75 °C
T
J = 100 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
93419_03
100
1000
10 000
0
5
10
15
20
25
30
T
J = 25 °C
= 1/8 inch
Single pulse
(thermal resistance)
P
DM
t
2
t
1
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
D = 0.01
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 - Rectangular Pulse Duration (s)
93419_04


Similar Part No. - VS-95SQ015TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
VS-95SQ015TR-M3 VISHAY-VS-95SQ015TR-M3 Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
More results

Similar Description - VS-95SQ015TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
   Designed and qualified for industrial level
Revision: 19-Mar-15
12TQ VISHAY-12TQ Datasheet
101Kb / 6P
   Designed and qualified for industrial level
Revision: 25-Jun-08
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
   Designed and qualified for industrial level
Revision: 03-Nov-16
logo
Nell Semiconductor Co.,...
NKFD200 NELLSEMI-NKFD200 Datasheet
425Kb / 7P
   Designed and qualified for industrial level
logo
Vishay Siliconix
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
   This product series has been designed and qualified for industrial level
Revision: 04-Jun-08
10ETSS VISHAY-10ETSS Datasheet
112Kb / 6P
   This product series has been designed and qualified for industrial level
Revision: 26-Aug-08
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com