Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48C48T150BG Datasheet(PDF) 8 Page - Vicor Corporation

Part # V48C48T150BG
Description  Maximum operating temp: 100째C, full load
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48C48T150BG Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V48C48T150BG Datasheet HTML 4Page - Vicor Corporation V48C48T150BG Datasheet HTML 5Page - Vicor Corporation V48C48T150BG Datasheet HTML 6Page - Vicor Corporation V48C48T150BG Datasheet HTML 7Page - Vicor Corporation V48C48T150BG Datasheet HTML 8Page - Vicor Corporation V48C48T150BG Datasheet HTML 9Page - Vicor Corporation V48C48T150BG Datasheet HTML 10Page - Vicor Corporation V48C48T150BG Datasheet HTML 11Page - Vicor Corporation V48C48T150BG Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
48V Micro Family
Rev 7.9
vicorpower.com
Page 8 of 13
4/2013
800 735.6200
48V Input
+IN
PC
PR
–IN
+OUT
SC
–OUT
C3*
4.7nF
C2*
4.7nF
For C1 – C5, keep leads and connections short.
C5*
4.7nF
C4*
4.7nF
F1*
C1*
0.2µF
Figure1—Basicmoduleoperationrequiresfusing,grounding,bypassingcapacitors.
* See Maxi, Mini, Micro Design Guide.
BASIC MODULE OPERATION
Comprehensive Online Application Information
The Design Guide and Applications Manual includes:
• Application circuits
• Design requirements
• EMC considerations
• Current sharing in power arrays
• Thermal performance information
• Recommended soldering methods
• Accessory modules – filtering, rectification, front-ends
• Mounting options
...and more.
Also at vicorpower.com
• PowerBench online configurators
• Over 20 Application Notes
• Online calculators – thermal, trimming, hold-up
• PDF data sheets for ALL Vicor products
CLICK HERETO VIEW
DESIGNGUIDE


Similar Part No. - V48C48T150BG

ManufacturerPart #DatasheetDescription
logo
Powerbox
V48C48T500B POWERBOX-V48C48T500B Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V48C48T500B2 POWERBOX-V48C48T500B2 Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V48C48T500B3 POWERBOX-V48C48T500B3 Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V48C48T500BF POWERBOX-V48C48T500BF Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V48C48T500BF2 POWERBOX-V48C48T500BF2 Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
More results

Similar Description - V48C48T150BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B28M200BL3 VICOR-V24B28M200BL3 Datasheet
856Kb / 15P
   Maximum operating temp: 100째C, full load
logo
Recom International Pow...
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
R0.25S RECOM-R0.25S Datasheet
128Kb / 4P
   Full Power at 100째C Ambient Temperature
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668 SENSITRON-SHD125668_08 Datasheet
35Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125568 SENSITRON-SHD125568_08 Datasheet
35Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125268 SENSITRON-SHD125268 Datasheet
80Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125168 SENSITRON-SHD125168 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com