Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V275LT4P Datasheet(PDF) 7 Page - Littelfuse

Part # V275LT4P
Description  Varistor Products Radial Lead Varistors > LA Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V275LT4P Datasheet(HTML) 7 Page - Littelfuse

Back Button V275LT4P Datasheet HTML 3Page - Littelfuse V275LT4P Datasheet HTML 4Page - Littelfuse V275LT4P Datasheet HTML 5Page - Littelfuse V275LT4P Datasheet HTML 6Page - Littelfuse V275LT4P Datasheet HTML 7Page - Littelfuse V275LT4P Datasheet HTML 8Page - Littelfuse V275LT4P Datasheet HTML 9Page - Littelfuse V275LT4P Datasheet HTML 10Page - Littelfuse V275LT4P Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: February 9, 2012
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Maximum Clamping Voltage for 14mm Parts
V130LA10A(P) - V320LA20A
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA20A(P)
V250LA20A(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
130 TO 320VM(AC) RATING
TA = -55
oC TO 85oC
V230LA20A(P)
V175LA10A(P)
V130LA10A(P)
V140LA10A(P)
V150LA10A(P)
V320LA20A(P)
V300LA20A(P)
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A(P)
V660LA50A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55
oC TO 85oC
700
V625LA40A(P)
V680LA80A(P)
V575LA40A(P)
V510LA40A(P)
V480LA40A(P)/V460LA20A(P)
V420LA20A(P)
V385LA20A(P)
V385LA20A(P) V1000LA80A(P)
Transient V-I Characteristics Curves (Continued...)
Repetitive Surge Capability for 14mm Parts
V130LA10A(P) - V320LA20A(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
μs)
1
2
10
104
105
106
MODEL SIZE 14mm
V130LA10A(P) - V320LA20A(P)
103
INDEFINITE
1,000
102
V385LA20A(P) - V1000LA80A(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
μs)
1
2
10
104
105
106
MODEL SIZE 14mm
V385LA20A(P) - V1000LA80A(P)
103
INDEFINITE
1,000
102
Pulse Rating Curves (Continued...)
Figure 10
Figure 11
Figure 12
Figure 13


Similar Part No. - V275LT4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V275LA10 LITTELFUSE-V275LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V275LA10CP LITTELFUSE-V275LA10CP Datasheet
1Mb / 10P
   Radial Lead Varistors
More results

Similar Description - V275LT4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V250LC40BP LITTELFUSE-V250LC40BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
logo
New Jersey Semi-Conduct...
ZI30LA1 NJSEMI-ZI30LA1 Datasheet
46Kb / 1P
   RADIAL LEAD VARISTORS LA SERIES
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com