Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V360CH8T Datasheet(PDF) 3 Page - Littelfuse

Part # V360CH8T
Description  Varistor Products Surface Mount Varistors > CH Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V360CH8T Datasheet(HTML) 3 Page - Littelfuse

  V360CH8T Datasheet HTML 1Page - Littelfuse V360CH8T Datasheet HTML 2Page - Littelfuse V360CH8T Datasheet HTML 3Page - Littelfuse V360CH8T Datasheet HTML 4Page - Littelfuse V360CH8T Datasheet HTML 5Page - Littelfuse V360CH8T Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 30, 2010
CH Varistor Series
Surface Mount Varistors > CH Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/CH.html for current information.
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
Clamping Voltage for V120CH8 – V430CH8
Clamping Voltage for V22CH8 – V68CH8
500
400
300
200
100
90
80
70
60
50
40
30
20
10
PEAK AMPERES (A)
10-3
10-2
10-1
100
101
102
103
V56CH8
V47CH8
V39CH8
V33CH8
V27CH8
V22CH8
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5 x 8mm
22 TO 56VN(DC) RATING
TA = -55oC TO 125oC
V68CH8
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
10-3
10-2
10-1
100
101
102
103
104
V180CH8
V150CH8
V120CH8
V430CH8
V390CH8
V360CH8
V240CH8
V220CH8
V200CH8
PEAK AMPERES (A)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5 x 8mm
100 TO 430VN(DC) RATING
TA = -55oC TO 125oC
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than +/-10% could result. This type of shift, which normally results in a decrease of VN(DC), may result in
the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Surge Current Rating Curves for V22CH8 - V56CH8
500
200
50
20
10
5
2
1
0.2
0.5
100
20
100
1,000
10,000
IMPULSE DURATION
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 5 x 8mm
V22CH8 - V56CH8
(μs)
20
100
1,000
10,000
IMPULSE DURATION
2,000
1,000
500
200
100
50
20
10
5
2
1
1
2
10
102
103
104
105
INDEFINITE
MODEL SIZE 5 x 8mm
V120CH8 - V430CH8
106
(μs)
Pulse Rating Curves
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example:
For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
Surge Current Rating Curves for V120CH8 - V430CH8
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6


Similar Part No. - V360CH8T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V360CH8 LITTELFUSE-V360CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
V360CH8 LITTELFUSE-V360CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors
V360CH8 LITTELFUSE-V360CH8 Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V360CH8 LITTELFUSE-V360CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V360CH8 LITTELFUSE-V360CH8 Datasheet
633Kb / 6P
   CH Varistor Series
More results

Similar Description - V360CH8T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com