Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-22FO Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM-22FO
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-22FO Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM-22FO Datasheet HTML 1Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 2Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 3Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 4Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 5Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 6Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 7Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 8Page - Omron Electronics LLC G3VM-22FO Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
MOS FET Relays
G3VM Series
23
MOS FET Relays
G3VM Series
Wide Range of Contact Forms, Sizes and
Package Types
• Controls load voltages up to 600 V.
• Terminal packages include PCB through-hole, SMT
gullwing, SOP, and SSOP.
• Low ON-resistance, low output capacitance, current
limiting, and high dielectric (5000 VAC) models available.
• Packaged for efficient automatic insertion: PCB through-
hole and SMT are in tubes; tape-and-reel packaging is
standard for SOP and SSOP models, and optional for SMT
models (“TR” suffix).
• Complete specifications follow, divided by Package Type,
Terminals and Contact Form.
Typical Applications
■ Communications
• Local area network equipment
• Central office circuit boards for subscriber line interfaces,
multiplexers and other routing equipment
• Wireless communications for cell phones and pagers
• Set-top TV boxes with internal modems
• Fax machines
• PCMCIA card
• Internal modems for PDA equipment and laptop computers
■ Test & Measurement
• Board testers
• IC testers
• Portable voltage testers
■ Security
• Alarm control boards
• Home security systems
• Garage door openers


Similar Part No. - G3VM-22FO

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-22FO OMRON-G3VM-22FO Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-22FO OMRON-G3VM-22FO Datasheet
249Kb / 4P
   New MOS FET Relay Featuring Unique Contact Construction (1 Input Channel Drives 2 Output Channels)
More results

Similar Description - G3VM-22FO

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com