Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-21GR Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G3VM-21GR
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-21GR Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G3VM-21GR Datasheet HTML 5Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 6Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 7Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 8Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 9Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 10Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 11Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 12Page - Omron Electronics LLC G3VM-21GR Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
MOS FET Relays
G3VM Series
31
Optimum Operating Conditions
Dimensions
Connections
G3VM-2, 2L
G3VM-2, 2L, 351A
Timing Chart
Parameter
Comments and conditions
G3VM-2
G3VM-2L
G3VM-351A
Output voltage strength
V
DD
Max.
280 V
280 V
280 V
Operate LED forward current
I
F
Min.
5 mA
5 mA
5 mA
Typical
7.5 mA
7.5 mA
7.5 mA
Max.
25 mA
25 mA
25 mA
Continuous load current
I
O
Max.
100 mA
100 mA
100 mA
Ambient temperature
T
A
-20
° to 65°C-20° to 65°C-20° to 65°C
Item
G3VM-2
G3VM-2L
G3VM-351A
Dimensions
See page 92
See page 92
See page 92


Similar Part No. - G3VM-21GR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-21GR OMRON-G3VM-21GR Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-21GR OMRON-G3VM-21GR Datasheet
283Kb / 4P
   MOS FET Relays
G3VM-21GR OMRON-G3VM-21GR Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-21GR OMRON-G3VM-21GR Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-21GR1 OMRON-G3VM-21GR1 Datasheet
87Kb / 2P
   MOS FET Relays
More results

Similar Description - G3VM-21GR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com