Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6B-4-C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6B-4-C
Description  Compact Terminal Relay with 4 Independent Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-4-C Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6B-4-C Datasheet HTML 1Page - Omron Electronics LLC G6B-4-C Datasheet HTML 2Page - Omron Electronics LLC G6B-4-C Datasheet HTML 3Page - Omron Electronics LLC G6B-4-C Datasheet HTML 4Page - Omron Electronics LLC G6B-4-C Datasheet HTML 5Page - Omron Electronics LLC G6B-4-C Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
204
Terminal Relay
G6B-4
@@ND
Engineering Data
4,000
1,000
500
300
100
Endurance
Switching voltage (V)
Switching current (A)
AC resistive load
DC resistive load
G6B-4
@ (standard)
Contact Reliability
(High-reliability
Models)
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
G6B-47
@ (long life)
250 VAC resistive load
30 VDC resistive load
250 VAC resistive load
30 VDC resistive load
G6B-4
@ (standard)
G6B-47
@ (long-life)
250 VAC inductive load (cos
φ = 0.4)
30 VDC inductive load (L/R = 7 ms)
G6B-48
@ (high-reliability)
250 VAC resistive load
30 VDC resistive load
Maximum Switching
Power
Number of switching operations
(
×104 times)


Similar Part No. - G6B-4-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-4-SB OMRON-G6B-4-SB Datasheet
263Kb / 6P
   Terminal Relay
More results

Similar Description - G6B-4-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-48BND-DC24 OMRON-G6B-48BND-DC24 Datasheet
263Kb / 6P
   Compact Terminal Relay with 4 Independent Outputs
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
   Twin Independent Outputs
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
   Three independent outputs
logo
Recom International Pow...
RUM RECOM-RUM Datasheet
97Kb / 2P
   Twin Independent Outputs
logo
Micronas
HAL700 MICRONAS-HAL700_1 Datasheet
1Mb / 22P
   Dual Hall-Effect Sensors with Independent Outputs
HAL700 MICRONAS-HAL700 Datasheet
167Kb / 12P
   Dual Hall-Effect Sensor with Independent Outputs
logo
Analog Devices
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
   Independent Positive and Negative Outputs
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
   Independent Positive and Negative Outputs
logo
Recom International Pow...
R1DA RECOM-R1DA Datasheet
105Kb / 3P
   1 Watt SMD Dual Independent Outputs
logo
List of Unclassifed Man...
9130B ETC2-9130B Datasheet
511Kb / 4P
   Three independent and electrically isolated outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com