Electronic Components Datasheet Search |
|
G3VM-61CR Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
G3VM-61CR Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 86 page 30 MOS FET Relays G3VM Series Specifications G3VM-2, -2L, -351A Maximum Rating Electrical Characteristics Parameter Comments and conditions G3VM-2 G3VM-2L G3VM-351A Contact form/no. of terminals — 1 Form A/4 pins 1 Form A/4 pins 1 Form A/4 pins Input (LED) LED forward current I F Typical 50 mA 50 mA 50 mA I FP (100 µs pulse, 100 pps) Max. 1 A 1 A 1 A Forward current derating Ta ≥ 25°C -0.5 mA/ °C -0.5 mA/ °C -0.5 mA/ °C Reverse voltage V R Max. 5 V 6 V 5 V Junction temperature (T J)125°C 125 °C125°C Output (Detector) Output voltage strength V OFF 350 V 350 V (AC or DC peak) 350 V Continuous load current I O 120 mA 120 mA 120 mA ON-state current derating Ta ≥ 25°C -1.2 mA/ °C -1.2 mA/ °C -1.2 mA/ °C Junction temperature (T J)125°C 125 °C125°C Dielectric strength V I/O for 1 minute min. 2500 VAC 2500 VAC 2500 VAC Temperature Ambient Ta with no icing -20 ° to +85°C-40° to +85°C-40° to +85°C Storage Tstg with no icing -55 ° to +100°C-55° to +125°C-55° to +125°C Parameter Comments and conditions G3VM-2 G3VM-2L G3VM-351A Input LED forward voltage (V F) I F=10 mA Min. 1.0 V 1.0 V 1.0 V Typical 1.15 V 1.15 V 1.15 V Max. 1.3 V 1.3 V 1.3 V Reverse current I R Max. 10 µA 10 µA10 µA Reverse voltage V R Max. 5 V 6 V 5 V Capacitance (C T)V = 0; freq. = 1 MHz Typical 30 pF 30 pF 30 pF Keep ON LED current (I FT) I O = 120 mA Typical 2 mA 1 mA 1 mA Max. 3 mA 3 mA 3 mA Output ON-resistance (R ON)ION=120 mA I F=5 mA Typical 22 Ω 22 Ω 35 Ω (25 Ω, t< 1s) Max. 35 Ω 35 Ω 50 Ω (35 Ω, t< 1s) OFF-state leakage current (I LEAK) V OFF = 350 V Max. 1.0 µA1.0 µA1.0 µA Limit current (I LIM)IF = 5 mA, VDD = 5 V, t = 5 ms Min. — 150 mA — Max. — 300 mA — Transfer characteristics I/O capacitance (C I/O) Typical 0.8 pF 0.8 pF 0.8 pF I/O resistance (R IO) Min. 1000 M Ω 1000 M Ω 1000 M Ω Operate time (t ON) Max. 1.0 ms 1.0 ms 1.0 ms Release time (t OFF) Max. 1.0 ms 1.0 ms 1.0 ms |
Similar Part No. - G3VM-61CR |
|
Similar Description - G3VM-61CR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |