Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L05ACHX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MC78L05ACHX
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L05ACHX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MC78L05ACHX Datasheet HTML 1Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 2Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 3Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 4Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 5Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 6Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 7Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 8Page - Fairchild Semiconductor MC78L05ACHX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
2
Block Diagram
Figure 1. Block Diagram
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
VI
Input Voltage
VO = 5 V to 8 V
30
V
VO = 12 V to 15 V
35
V
TJ
Operating Junction Temperature Range
0 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
RθJC
Thermal Resistance, Junction-Case
TO-92
50
°C/W
RθJA
Thermal Resistance, Junction-Air
TO-92
150
°C/W
SOT-89
225
°C/W
8-SOIC
160
°C/W
VI
3
2
GND
V0
1
I
RSC
REFERENCE VOLTAGE
SHORT CIRCUIT
PROTECTION
THERMAL SHUTDOWN
CIRCUIT
+
-
Inpu
t
Outpu
t
-


Similar Part No. - MC78L05ACHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78L05ACH FAIRCHILD-MC78L05ACH Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L05ACH FAIRCHILD-MC78L05ACH Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L05ACH FAIRCHILD-MC78L05ACH Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
ON Semiconductor
MC78L05ACHT1G ONSEMI-MC78L05ACHT1G Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results

Similar Description - MC78L05ACHX

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com