Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM1233B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM1233B
Description  3-Pin 關C Supervisor Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM1233B Datasheet HTML 1Page - Fairchild Semiconductor FM1233B Datasheet HTML 2Page - Fairchild Semiconductor FM1233B Datasheet HTML 3Page - Fairchild Semiconductor FM1233B Datasheet HTML 4Page - Fairchild Semiconductor FM1233B Datasheet HTML 5Page - Fairchild Semiconductor FM1233B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
FM1233B Rev. D
Absolute Maximum Ratings
Votage on any pin relative to GND
VCC
-0.3V to +6.0V
RESET
-0.3V to (VCC + 0.3V)
Input Current
20mA
Output Current (RESET)
20mA
ESD Rating:
Human body model
>2kV
Machine Model
>200 V
Continuous Power Dissipation (TA = 70°C)
SOT23 (derate 4mW above 70°C)
300mW
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Electrical Characteristics (VCC = 5V; TA = -40°C to +105°C unless otherwise noted)
(Note 1)
Note 1: Testing at production is done at 25°C only. Limits over temperature are guaranteed by design.
Note 2: C = 100pF, VCC = 5V. It is recommended to connect 100pF capacitor between the Reset pin and Ground pin if pushbutton reset is implemented.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
1.2
5.5
V
Supply Current
ICC
VCC < 5V
3
6
µA
Reset Threshold
VTH
FM1233BF
4.40
4.62
4.86
V
Reset Threshold
VTH
FM1233BD
4.16
4.38
4.55
V
Reset Threshold
VTH
FM1233BE
3.91
4.12
4.32
V
Reset Output Voltage
VOL
FM1233B
Isink = 5mA
VCC = VTH(min)
0.4
V
Reset Timeout Period
tRST
FM1233B
140
256
560
ms
Pushbutton Detect
PBVDET
FM1233B
VCC = 5V
0.8
2.0
V
Pushbutton Release
PBVREL
FM1233B
Note 2
0.3
1.5
V


Similar Part No. - FM1233B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ABAS3X FAIRCHILD-FM1233ABAS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ACS3X FAIRCHILD-FM1233ACS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ADS3X FAIRCHILD-FM1233ADS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results

Similar Description - FM1233B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com