Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L05ACP Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MC78L05ACP
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L05ACP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MC78L05ACP Datasheet HTML 1Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 2Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 3Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 4Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 5Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 6Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 7Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 8Page - Fairchild Semiconductor MC78L05ACP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
1
March 2013
MC78LXXA / LM78LXXA
3-Terminal 0.1 A Positive Voltage Regulator
Features
• Maximum Output Current of 100 mA
• Output Voltage of 5 V, 6 V, 8 V, 12 V, and 15 V
• Thermal Overload Protection
• Short-Circuit Current Limiting
• Output Voltage Offered in ±5% Tolerance
Ordering Information
Product Number
Package
Packing Method Output Voltage Tolerance Operating Temperature
LM78L05ACZ
TO-92
Bulk
±5%
0 to +125
°C
LM78L05ACZX
Tape & Reel
LM78L05ACZXA
Ammo
LM78L12ACZ
Bulk
LM78L12ACZX
Tape & Reel
MC78L05ACP
Bulk
MC78L05ACPXA
Ammo
MC78L06ACP
Bulk
MC78L08ACP
Bulk
MC78L15ACP
Bulk
MC78L15ACPXA
Ammo
MC78L05ACD
8-SOIC
Rail
MC78L05ACDX
Tape & Reel
MC78L05ACHX
SOT-89
Tape & Reel
MC78L08ACHX
Tape & Reel
Description
The MC78LXXA / LM78LXXA series of fixed-voltage
monolithic integrated circuit voltage regulators are suit-
able for applications that required supply current up to
100 mA.
TO-92
1. Output 2. GND 3. Input
8-SOIC
1. Output 2. GND
1
1
SOT-89
1
GND
2 3
2 3
8
5. NC 6. GND
3. GND 4. NC
7. GND 8. Input


Similar Part No. - MC78L05ACP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L05ACP MOTOROLA-MC78L05ACP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L05ACP ONSEMI-MC78L05ACP Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Boca Semiconductor Corp...
MC78L05ACP BOCA-MC78L05ACP Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L05ACP ONSEMI-MC78L05ACP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L05ACP FAIRCHILD-MC78L05ACP Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L05ACP

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com