Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L05ACPXA Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MC78L05ACPXA
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L05ACPXA Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MC78L05ACPXA Datasheet HTML 4Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 5Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 6Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 7Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 8Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 9Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 10Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 11Page - Fairchild Semiconductor MC78L05ACPXA Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
8
Typical Application
Figure 2. Typical Application
Notes:
13. To specify an output voltage, substitute voltage value for “XX”.
14.
CI is required if the regulator is located an appreciable distance from the power supply filter. Though Co is not
needed for stability, it improves transient response. Bypass capacitors are recommended for optimum stability and
transient response and should be located as close as possible to the regulator.
KA78LXXA
NOTE 1
INPUT
OUTPUT
1(1)
2(2,3,6,7)
3(8)
C1
0.33
μF
NOTE 2
0. 1
NOTE 2
μF
MC78LXXA/LM78LXXA
MC78LXXA / LM78LXXA(13)
CI
(14)
CO
(14)


Similar Part No. - MC78L05ACPXA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78L05ACPXA FAIRCHILD-MC78L05ACPXA Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L05ACPXA

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com