Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L15ACP Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MC78L15ACP
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78L15ACP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MC78L15ACP Datasheet HTML 1Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 2Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 3Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 4Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 5Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 6Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 7Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 8Page - Fairchild Semiconductor MC78L15ACP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
4
Electrical Characteristics (MC78L06A)
VI = 12 V, IO = 40 mA, 0°C ≤ TJ ≤ 125°C, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
3. The maximum steady-state usable output current and input voltage are very dependent on the heat sinking
and/or lead length of the package. The data above represents pulse test conditions with junction temperature
as indicated at the initiation of tests.
4. Power dissipation PD ≤ 0.75 W.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VO
Output Voltage
TJ = 25°C
5.75
6.0
6.25
V
ΔVO
Line Regulation(3)
TJ = 25°C
8.5 V
≤ VI ≤ 20 V
64
175
mV
9 V
≤ VI ≤ 20 V
54
125
mV
ΔVO
Load Regulation(3)
TJ = 25°C
1 mA
≤ IO ≤ 100 mA
12.8
80.0
mV
1 mA
≤ IO ≤ 70 mA
5.8
40.0
mV
VO
Output Voltage
8.5 V
≤ VI ≤ 20 V, 1 mA ≤ IO ≤ 40 mA
5.7
6.3
V
8.5 V
≤ VI ≤ VMAX(4), 1 mA ≤ IO ≤ 70 mA 5.7
6.3
V
IQ
Quiescent Current
TJ = 25°C5.5
mA
TJ = 125°C3.9
6.0
mA
ΔIQ
Quiescent Current
Change
With Line
9 V
≤ VI ≤ 20 V
1.5
mA
ΔIQ
With Load
1 mA
≤ IO ≤ 40 mA
0.1
mA
VN
Output Noise Voltage
TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
40
μV/Vo
ΔVO/ΔT
Temperature Coefficient of VO
IO = 5 mA
0.75
mV/
°C
RR
Ripple Rejection
f = 120 Hz, 10 V
≤ VI ≤ 20 V, TJ = 25°C40
46
dB
VD
Dropout Voltage
TJ = 25°C1.7
V


Similar Part No. - MC78L15ACP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L15ACP MOTOROLA-MC78L15ACP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L15ACP ONSEMI-MC78L15ACP Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Boca Semiconductor Corp...
MC78L15ACP BOCA-MC78L15ACP Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L15ACP ONSEMI-MC78L15ACP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L15ACP FAIRCHILD-MC78L15ACP Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L15ACP

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com