Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6841SZ3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SG6841SZ3
Description  High-integrated Green-mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6841SZ3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SG6841SZ3 Datasheet HTML 1Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 2Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 3Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 4Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 5Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 6Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 7Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 8Page - Fairchild Semiconductor SG6841SZ3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product Specification
High-integrated Green-mode PWM Controller
SG6841
©System General Corp.
- 2 -
www.sg.com.tw
Version 2.1 (IRO33.0001.B5)
Jun.15,2006
MARKING DIAGRAMS
PIN CONFIGURATION
ORDERING INFORMATION
Part Number
Package
SG6841S
8-Pin SOP
SG6841D
8-Pin DIP
SG6841SZ
8-Pin SOP(Lead Free)
SG6841DZ
8-Pin DIP(Lead Free)
PIN DESCRIPTIONS
Pin No.
Symbol Function
Description
1
GND
Ground
Ground.
2
FB
Feedback
The signal from external compensation circuit is feed into this pin. The PWM duty cycle is
determined by this FB pin and current sense signal from Pin 6.
3
VIN
Start-Up Input
This pin is pulled high to the rectified line input through a resistor for start-up. Since the
start-up current requirement for SG6841 is very small, a large start-up resistance can be
used to minimize power loss. Under normal operation, this pin is also used to detect line
voltage to compensate for constant output power limit for universal AC input.
4
Ri
Reference Setting
A resistor from RI pin to ground will generate a constant current source forSG6841. This
current is used to charge an internal capacitor and hence the switching frequency are
determined. Increasing the resistance will decrease the current source and reduce the
switching frequency. A 26kΩ resistor Ri creates a 50uA constant current Ii and generates
65kHz switching frequency.
5
RT
Temperature
Protection
For over-temperature protection. An external NTC thermistor is connected from this pin
to ground. The impedance of the NTC will decrease under high temperature. Once the
voltage on RT pin drops below a fixed limit, the PWM output will be disabled.
6
SENSE
Current Sense
Current sense. The sensed voltage is used for current mode control and pulse-by-pulse
current limiting.
7
VDD
Power supply
Power Supply.
8
GATE
Driver Output
The totem-pole output driver for the power MOSFET. A soft driving waveform is
implemented to improve EMI.
T: D = DIP, S = SOP
P: Z = Lead Free
Null=regular package
XXXXXXX: Wafer Lot
YY: Year; WW: Week
V: Assembly Location
SG6841TP
XXXXXXXYYWWV
RI
VIN
GATE
VDD
SENSE
RT
GND
FB


Similar Part No. - SG6841SZ3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6841SZ FAIRCHILD-SG6841SZ Datasheet
52Kb / 1P
   Highly-Integrated Green-Mode PWM Controller
More results

Similar Description - SG6841SZ3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
logo
Fairchild Semiconductor
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com