Electronic Components Datasheet Search |
|
XC6222B181PR-G Datasheet(PDF) 9 Page - Torex Semiconductor |
|
XC6222B181PR-G Datasheet(HTML) 9 Page - Torex Semiconductor |
9 / 26 page 9/26 XC6222 Series <Current Limiter, Short-Circuit Protection> The XC6222 series’ fold-back circuit operates as an output current limiter and a short protection circuit for the output pin. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. When the output pin is short-circuited to the VSS pin, the current is decreased to a level of 55mA. <Thermal Shutdown> When the junction temperature of the built-in driver transistor reaches the temperature limit level (150℃ TYP.), the thermal shutdown circuit operates and the driver transistor will be turned OFF. The IC resumes its operation when the thermal shutdown function is released and the IC’s operation is automatically restored because the junction temperature drops to the level of 125℃ (TYP.) as the thermal shutdown release voltage. ■ OPERATIONAL EXPLANATION (Continued) <CL Auto-Discharge Function> XC6222B/D series can discharge the electric charge stored in the output capacitor (CL), when a low signal to the CE pin, which enables the whole IC circuit to be turned off, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM). The CL auto-discharge resistance value is set at 530Ω(TYP.). The discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting the time constant of the CL auto-discharge resistance value [RDCHG] and the output capacitor value (CL) as τ(τ=C x RDCHG), the output voltage after discharge via the N-channel transistor is calculated by the following formula. V = VOUT(E) x e –t/τ, or t=τIn ( V / VOUT(E) ) where V: Output voltage after discharge VOUT (E): Output voltage t: Discharge time τ : CL auto-discharge resistance RDCHG×Output capacitor (CL) value C) <CE Pin> The entire XC6222 circuitry can be turned off via the CE pin signal. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. However, with the XC6222B series, the CL auto-discharge resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level is shorter. For the XC6222A/B series, the output voltage becomes unstable, when the CE pin is left open. If this CE pin voltage is set with the specified voltage range, the logic is fixed and the IC will operate normally. However, the supply current may increase as a result of shoot-through current in the IC's internal circuitry when a medium voltage is input to the CE pin. With the XC6222C/D series, when the CE pin is left open, output voltage is fixed to VSS level. ■ NOTES ON USE 1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. |
Similar Part No. - XC6222B181PR-G |
|
Similar Description - XC6222B181PR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |