Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-401D Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G3VM-401D
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-401D Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G3VM-401D Datasheet HTML 6Page - Omron Electronics LLC G3VM-401D Datasheet HTML 7Page - Omron Electronics LLC G3VM-401D Datasheet HTML 8Page - Omron Electronics LLC G3VM-401D Datasheet HTML 9Page - Omron Electronics LLC G3VM-401D Datasheet HTML 10Page - Omron Electronics LLC G3VM-401D Datasheet HTML 11Page - Omron Electronics LLC G3VM-401D Datasheet HTML 12Page - Omron Electronics LLC G3VM-401D Datasheet HTML 13Page - Omron Electronics LLC G3VM-401D Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
32
MOS FET Relays
G3VM Series
G3VM-353A, -401A, -61A
Maximum Rating
Electrical Characteristics
Optimum Operating Conditions
Parameter
Comments and conditions
G3VM-353A
G3VM-401A
G3VM-61A
Contact form/no. of terminals
1 Form B/4 pins
1 Form A/4 pins
1 Form A/4 pins
Input (LED)
LED forward current
I
F
Typical
50 mA
50 mA
50 mA
I
FP (100 µs pulse,
100 pps)
Max.
1 A
1 A
1 A
Forward current
derating
Ta
≥ 25°C
-0.5 mA/
°C
-0.5 mA/
°C
-0.5 mA/
°C
Reverse voltage
V
R
Max.
5 V
5 V
5 V
Junction temperature (T
J)125°C
125
°C125°C
Output (Detector) Output voltage
strength
V
OFF
350 V
400 V
60 V
Continuous load
current
I
O
150 mA
120 mA
500 mA
ON-state current
derating
Ta
≥ 25°C
-1.5 mA/
°C
-1.2 mA/
°C
-5.0 mA/
°C
Junction temperature (T
J)125°C
125
°C125°C
Dielectric strength
V
I/O for 1 minute min.
2500 VAC
2500 VAC
2500 VAC
Temperature
Ambient
Ta with no icing
-40
° to +85°C-40° to +85°C-40° to +85°C
Storage
Tstg with no icing
-55
° to +125°C-55° to +125°C-55° to +125°C
Parameter
Comments and conditions
G3VM-353A
G3VM-401A
G3VM-61A
Input
LED forward voltage
(V
F)
I
F=10 mA
Min.
1.0 V
1.0 V
1.0 V
Typical
1.15 V
1.15 V
1.15 V
Max.
1.3 V
1.3 V
1.3 V
Reverse current
I
R
Max.
10
µA
10
µA10 µA
Reverse voltage
V
R
Max.
5 V
5 V
5 V
Capacitance (C
T)V = 0;
freq. = 1 MHz
Typical
30 pF
30 pF
30 pF
Keep ON LED current
(I
FT)
I
O = 120 mA
Typical
1 mA
1 mA
1 mA
Max.
3 mA
3 mA
3 mA
Output
ON-resistance (R
ON)ION=150 mA
I
F=5 mA
Typical
15
18
1
Ω (I
ON=500 mA)
Max.
25
35
2
Ω (I
ON=500 mA)
OFF-state leakage
current (I
LEAK)
At V
OFF
Max.
1.0
µA1.0 µA1.0 µA
Limit current (I
LIM)IF = 5 mA, VDD = 5 V,
t = 5 ms
Min.
Max.
Transfer
characteristics
I/O capacitance
(C
I/O)
Typical
0.8 pF
0.8 pF
0.8 pF
I/O resistance
(R
IO)
Min.
1000 M
1000 M
1000 M
Operate time
(t
ON)
Max.
1.0 ms
1.0 ms
1.0 ms
(I
F = 10 mA)
Release time
(t
OFF)
Max.
3.0 ms
1.0 ms
1.0 ms
(I
F = 10 mA)
Parameter
Comments and conditions
G3VM-353A
G3VM-401A
G3VM-61A
Output voltage strength
V
DD
Max.
280 V
320 V
48 V
Operate LED forward current
I
F
Min.
5 mA
5 mA
5 mA
Typical
7.5 mA
7.5 mA
Max.
25 mA
25 mA
25 mA
Continuous load current
I
O
Max.
150 mA
100 mA
400 mA
Ambient temperature
T
A
-20
° to 65°C-20° to 65°C-20° to 65°C


Similar Part No. - G3VM-401D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-401D OMRON-G3VM-401D Datasheet
402Kb / 6P
   MOS FET Relays
G3VM-401D OMRON-G3VM-401D Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-401D OMRON-G3VM-401D Datasheet
324Kb / 4P
   Analog-switching MOS FET Relays with 400-V Load Voltage
G3VM-401DTR OMRON-G3VM-401DTR Datasheet
402Kb / 6P
   MOS FET Relays
G3VM-401DTR OMRON-G3VM-401DTR Datasheet
324Kb / 4P
   Analog-switching MOS FET Relays with 400-V Load Voltage
More results

Similar Description - G3VM-401D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com