Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6223D3019R-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6223D3019R-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223D3019R-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6223D3019R-G Datasheet HTML 1Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 2Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 3Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 4Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 5Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 6Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 7Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 8Page - Torex Semiconductor XC6223D3019R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
XC6223 Series
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
APPLICATIONS
Digital still cameras
Cell phones
Portable games
Camera modules
IC recorders
Portable media players
Bluetooth
Wireless LAN
Terrestrial digital TV tuners
Cordless phones
TYPICAL APPLICATION CIRCUIT
ETR0339-005
FEATURES
Maximum Output Current
: 300mA
Input Voltage Range
: 1.6~5.5V
Output Voltages
: 2.0~4.0V (Accuracy ±1%)
1.2~1.95V (Accuracy ±20mV)
0.05V increments
Dropout Voltage
: 200mV@IOUT=300mA (VOUT=3.0V)
Low Power Consumption
: 100μA
Stand-by Current
: 0.1μA
High Ripple Rejection
: 80dB@f=1kHz
Protection Circuits
: Current Limit(400mA)
Short Circuit Protection
Over Heat Protection
Inrush Current Protection
Low ESR Capacitors
: CIN =1.0μF, CL=1.0μF
CE Function
: Active High
CL High Speed Discharge
Small Packages
: USPQ-4B03
USP-4
SSOT-24
SOT-25
SOT-89-5
Environmentally Friendly
: EU RoHS Compliant, Pb Free
TYPICAL PERFORMANCE
CHARACTERISTICS
GENERAL DESCRIPTION
The XC6223 series is a high speed LDO regulator that features high accurate, low noise, high ripple rejection, low dropout
and low power consumption. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a
phase compensation circuit, a thermal shutdown circuit and an inrush current protection circuit.
The CE function enables the circuit to be in stand-by mode by inputting low level signal. In the stand-by mode, the series
enables the electric charge at the output capacitor CL to be discharged via the internal switch, and as a result the VOUT pin
quickly returns to the VSS level. The output stabilization capacitor CL is also compatible with low ESR ceramic capacitors.
The output voltage is selectable in 0.05V increments within the range of 1.2V to 4.0V which fixed by laser trimming
technologies. The over current protection circuit and the thermal shutdown circuit are built-in. These two protection circuits
will operate when the output current reaches current limit level or the junction temperature reaches temperature limit level.
tr = tf = 0.5μs, Ta = 25℃, IOUT = 1⇔150mA
VIN = 3.5V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
Time [20μs/div]
0
50
100
150
200
250
300
350
400
Output Voltage
Output Current


Similar Part No. - XC6223D3019R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D1219R-G TOREX-XC6223D1219R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D121GR-G TOREX-XC6223D121GR-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D121MR-G TOREX-XC6223D121MR-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D121NR-G TOREX-XC6223D121NR-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D121PR-G TOREX-XC6223D121PR-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results

Similar Description - XC6223D3019R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com