Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9303B093KR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9303B093KR-G
Description  High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9303B093KR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9303B093KR-G Datasheet HTML 5Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 6Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 7Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 8Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 9Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 10Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 11Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 12Page - Torex Semiconductor XC9303B093KR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
XC9303
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
FOSC=300kHz, VOUT=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
L=22μH(CDRH127/LD), CL=94μF(Tantalum),SD:CMS02
Tr1:CPH6315, Tr2:CPH3409, Tr3:CPH3409
VIN=2.7V
3.3V
4.2V 5.0V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT=5.0V
4.7
4.8
4.9
5
5.1
5.2
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=3.0V
4.2V
6.0V
L=22μH(CDRH127/LD), CL=94μF(Tantalum),SD:CMS02
Tr1:CPH6315, Tr2:CPH3409, Tr3:CPH3409
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
L=22μH(CDRH127/LD), CL=94Fμ(Tantalum),SD:CMS02
Tr1:IRLMS6702, Tr2:IRLMS1902, Tr3:IRLML2502
VIN=2.7V
4.2V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=2.7V
4.2V
5.0V
3.3V
PWM/PFM Switching Control
PWM Control
L=22μH(CDRH127/LD), CL=94μF(Tantalum),SD:CMS02
Tr1:CPH6315, Tr2:CPH3409, Tr3:CPH3409
FOSC=300kHz, VOUT=5.0V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=3.0V
6.0V
4.2V
PWM/PFM Switching Control
PWM Control
L=22μH(CDRH127/LD), CL=94μF(Tantalum),SD:CMS02
Tr1:CPH6315, Tr2:CPH3409, Tr3:CPH3409
FOSC=300kHz, VOUT=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=2.7V
4.2V
PWM/PFM Switching Control
PWM Control
L=22μH(CDRH127/LD), CL=94μF(Tantalum),SD:CMS02
Tr1:IRLMS6702, Tr2:IRLMS1902, Tr3:IRLML2502


Similar Part No. - XC9303B093KR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9303B03KL TOREX-XC9303B03KL Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9303B03KR TOREX-XC9303B03KR Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
More results

Similar Description - XC9303B093KR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com