Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1608J000CS Datasheet(PDF) 9 Page - Samsung semiconductor

Part # RC1608J000CS
Description  THICK-FILM CHIP RESISTOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J000CS Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button RC1608J000CS Datasheet HTML 5Page - Samsung semiconductor RC1608J000CS Datasheet HTML 6Page - Samsung semiconductor RC1608J000CS Datasheet HTML 7Page - Samsung semiconductor RC1608J000CS Datasheet HTML 8Page - Samsung semiconductor RC1608J000CS Datasheet HTML 9Page - Samsung semiconductor RC1608J000CS Datasheet HTML 10Page - Samsung semiconductor RC1608J000CS Datasheet HTML 11Page - Samsung semiconductor RC1608J000CS Datasheet HTML 12Page - Samsung semiconductor RC1608J000CS Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
8
9
1
Ω~10
1
Ω~1
-55
℃~+155℃
-55
℃~+125℃
70
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RC 0402
Type
1/20
1/16
1/10
1/8
1/4
1/3
2/3
1
1/32
Power
Rating
(W)
25(V)
50(V)
150(V)
200(V)
15(V)
Working
Voltage
(MAX)
50(V)
100(V)
300(V)
400(V)
30(V)
1~9.9
Ω:+300,-200
10
Ω~1 :±100
(0603: ±250)
1.1 ~10
:±300
Overload
Voltage
(MAX)
TCR (ppm/
℃)
Resistance
Range (
Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
Rated power(W)×Normal resistance value (R)
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
Specification
Power Derating Curve
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1005, 1608, 2012, 3216, 3225, 5025, 6432>
<0402, 0603>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
- Left 2 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103
= 10000
Ω=10kΩ
•0603, 1005 type: No marking. •0603, 1005, 1608 type:
No marking.
•3 digits indication
(E-24 series)
- Left 3 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 1002
Left 3 digits: 100
Last 1 digit: 2
1002 = 100
×102
= 10000
Ω=10kΩ
•4 digits indication
(E-96 series)
1
10
03
3
1
10
00
02
2
Marking
IEC Code System (E-96, E-24)
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
10
11
12
13
15
16
E-96
E-24
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
18
20
22
24
27
30
E-96
E-24
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
33
36
39
43
47
51
E-96
E-24
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
56
62
68
75
82
91
E-96
E-24
1~99
Ω: ±300
100~1 : ±250
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
CHIP Resistor
2012.7.23 2:36 PM
˘
` 10


Similar Part No. - RC1608J000CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1608J100AS ETC1-RC1608J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100BS ETC1-RC1608J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100CS ETC1-RC1608J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100ES ETC1-RC1608J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
logo
MagnaChip Semiconductor...
RC1608J103CS MGCHIP-RC1608J103CS Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
More results

Similar Description - RC1608J000CS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005F622CS SAMSUNG-RC1005F622CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com