Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTV110N25TS Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTV110N25TS
Description  TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTV110N25TS Datasheet(HTML) 5 Page - IXYS Corporation

  IXTV110N25TS Datasheet HTML 1Page - IXYS Corporation IXTV110N25TS Datasheet HTML 2Page - IXYS Corporation IXTV110N25TS Datasheet HTML 3Page - IXYS Corporation IXTV110N25TS Datasheet HTML 4Page - IXYS Corporation IXTV110N25TS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
18
20
22
24
26
28
30
32
20
30
40
50
60
70
80
90
100
110
120
ID - Amperes
RG = 2Ω, VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
20
25
30
35
40
45
50
23
45
678
9
10
RG - Ohms
19
21
23
25
27
29
31
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 110A, 55A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
14
18
22
26
30
34
38
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
50
54
58
62
66
70
74
t f
td(off) - - - -
RG = 2Ω, VGS = 15V
VDS = 125V
I D = 55A
I D = 110A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
20
22
24
26
28
30
32
20
30
40
50
60
70
80
90
100
110
120
ID - Amperes
40
50
60
70
80
90
100
t f
td(off) - - - -
RG = 2Ω, VGS = 15V
VDS = 125V
TJ = 25ºC
TJ = 125ºC
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
22
24
26
28
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 2Ω, VGS = 15V
VDS = 125V
I D = 110A
I D = 55A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
30
50
70
90
110
23456
789
10
RG - Ohms
40
80
120
160
200
240
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 55A, 110A
IXYS REF: T_110N25T(8W)5-14-12-B
IXTH110N25T
IXTV110N25TS


Similar Part No. - IXTV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTV102N20T IXYS-IXTV102N20T Datasheet
183Kb / 5P
   TrenchHV Power MOSFET
IXTV18N60P IXYS-IXTV18N60P Datasheet
176Kb / 5P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTV18N60P ISC-IXTV18N60P Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTV18N60PS IXYS-IXTV18N60PS Datasheet
176Kb / 5P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
   TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
logo
IXYS Corporation
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com